Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-IFP016V2 Datasheet (PDF) - STMicroelectronics

STEVAL-IFP016V2 Datasheet PDF - STMicroelectronics
Part # STEVAL-IFP016V2
Download  STEVAL-IFP016V2 Download
File Size   415.44 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Additional IEC61131-2 type-1 input

STEVAL-IFP016V2 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-IFP016V2 Datasheet PDF - STMicroelectronics

Part # STEVAL-IFP016V2
Download  STEVAL-IFP016V2 Click to download

File Size   415.44 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Additional IEC61131-2 type-1 input

STEVAL-IFP016V2 Datasheet (HTML) - STMicroelectronics


STEVAL-IFP016V2 Product details

Description
The STEVAL-IFP016V2 IO-Link communication master transceiver demonstration board is based on the L6360, monolithic IO-Link master port. A modular and customizable application that interfaces externally with the microcontroller. The purpose of the board is to demonstrate the capability of the L6360 monolithic IO-Link master, as communication transceiver for multiple I/Os. The board uses input signal from the microcontroller and outputs the 24 V required for industrial applications. The board demonstrates that the L6360 is both IO-Link master port mode and standard IO mode compliant. The interface is compatible with the STEVALPCC009V2 and STEVAL-PCC009V1 EMCimmune application against ESD, burst, surge, RF noise, etc., according to IEC61000-4-2, IEC61000-4-4, IEC61000-4-5, and IEC61000-4-6 standards. A large GND area on the printed circuit board has been designed in order to minimize noise and ensure good thermal performance. The small size of the L6360 package with a reduced pin number, along with the small size of the application area, allow the user to work in applications where space constraint is critical. The L6360 is a monolithic IO-Link master port, compliant with PHY2 (3 wires) supporting COM1 (4.8 kbaud), COM2 (38.4 kbaud) and COM3 (230.4 kbaud) modes. The output stage (highside, low-side or push-pull) as well as the cutoff current, cutoff current delay time, and restart delay, are programmable by I2C protocol. The cutoff current and cutoff current delay time, combined with the thermal shutdown and automatic restart, protect the device against overload and short-circuit. The output stages are able to drive resistive, inductive and capacitive loads. Fast demagnetization is able to dissipate the energy stored in the inductive loads.

Features
■ Supply voltage from 18 V to 32.5 V
■ Fully protected programmable output stages
■ Supports COM1, COM2 and COM3 mode
■ 5 mA IO-Link digital input
■ Additional IEC61131-2 type-1 input
■ 3.3 V / 5 V, 50 mA linear regulator
■ Fast mode I2C for IC control, configuration and diagnostic
■ Diagnostic dual LED sequence generator and driver
■ 5 V and 3.3 V compatible I/Os
■ Interface compatible with STEVAL-PCC009V2 and STEVAL-PCC009V1
■ EMC immune application against ESD, burst, surge, RF noise, etc., according to IEC61000- 4-2, IEC61000-4-4, IEC61000-4-5, and IEC61000-4-6 standards
■ RoHS compliant




Similar Part No. - STEVAL-IFP016V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IFP010V1 STMICROELECTRONICS-STEVAL-IFP010V1 Datasheet
163Kb / 6P
Current limitation
13-Jun-2008
STEVAL-IFP010V3 STMICROELECTRONICS-STEVAL-IFP010V3 Datasheet
168Kb / 4P
Junction overtemperature protection
22-Dec-2011
STEVAL-IFP015V2 STMICROELECTRONICS-STEVAL-IFP015V2 Datasheet
165Kb / 4P
RoHS compliant
02-Sep-2013
STEVAL-IFP017V3 STMICROELECTRONICS-STEVAL-IFP017V3 Datasheet
316Kb / 4P
Evaluation board for IO-Link transceiver device L6362A
06-May-2016
STEVAL-IFP019V1 STMICROELECTRONICS-STEVAL-IFP019V1 Datasheet
121Kb / 5P
Quad high-side smart-power solid-state relay demonstration board based on the VNI4140K-32
19-Dec-2011
More results


Similar Description - STEVAL-IFP016V2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISO1I811T INFINEON-ISO1I811T Datasheet
1Mb / 31P
Isolated 8 Channel Digital Input with IEC61131-2 Type 1/2/3 Characteristics
Revision 1.0, 2011-03-18
ISO1I813T INFINEON-ISO1I813T Datasheet
2Mb / 55P
Isolated 8 Channel Digital Input with IEC61131-2 Type 1/2/3 Characteristics
Revision 1.0, 2011-03-30
logo
XP Power Limited
JCK2012S15 XPPOWER-JCK2012S15 Datasheet
294Kb / 2P
2 1 Input Range
JCD0512S05 XPPOWER-JCD0512S05 Datasheet
201Kb / 4P
2 1 Input Range
logo
Infineon Technologies A...
ISO1I813T INFINEON-ISO1I813T_15 Datasheet
1Mb / 57P
Isolated 8 Channel Digital Input with IEC61131-2 Type 1/2/3 Characteristics
V 2.1, 2015-05-22
ISO1I811T INFINEON-ISO1I811T_12 Datasheet
1Mb / 28P
Isolated 8 Channel Digital Input with IEC61131-2 Type 1/2/3 Characteristics
Revision 2.0, 2012-06-14
logo
STMicroelectronics
ST7FOXU0 STMICROELECTRONICS-ST7FOXU0 Datasheet
1Mb / 123P
1 additional output line
22-Nov-2007
logo
PEAK electronics GmbH
P10TG-123R3E21MLF PEAK-P10TG-123R3E21MLF Datasheet
143Kb / 3P
2:1 Wide Input
P14TG-123R3E21LF PEAK-P14TG-123R3E21LF Datasheet
131Kb / 3P
2:1 Wide Input
P22TG-123R3E21MLF PEAK-P22TG-123R3E21MLF Datasheet
151Kb / 3P
2:1 Wide Input
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com