Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA016V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA016V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA016V1
Download  STEVAL-ISA016V1 Download
File Size   93.62 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Switch mode Quasi-Resonant Flyback Power Supply

STEVAL-ISA016V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA016V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA016V1
Download  STEVAL-ISA016V1 Click to download

File Size   93.62 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Switch mode Quasi-Resonant Flyback Power Supply

STEVAL-ISA016V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA016V1 Product details

Features
■ Switch mode Quasi-Resonant Flyback Power Supply
■ Input: 185 to 265 Vac (European version)
■ Switching frequency: 50/60 Hz
■ Output1: 12V @ 500mA delivering 6W with ±10% of stability
■ Output2: 8V @ 40mA delivering 0.32W with ±15% of stability
■ Output3: 5V @ 1A delivering 5W with ±5% of stability
■ Output4: 3.3V @ 450mA delivering 1.485W with ±2% of stability
■ Output5: 1.23V @ 1A delivering 5W with ±5% of stability
■ Output6: 2.5V @ 0.7A delivering 1.75W with ±2% of stability General description This document describes a reference design of a 17W Switch Mode Power Supply dedicated to Set-Top Box applications. The board accepts European input voltages (90 to 265Vrms) and delivers up to 6W outputs. It is based on the L6565 quasi resonant SMPS controller, working in variable frequency mode. The Quasi-resonant operation and the high flexibility of the L6565 make it a very suitable device, able to satisfy all the requirements with only few external components. ST components
■ STTH108 High Voltage Ultrafast Rectifier, 1A, 800V
■ SMBYW02-200 High Efficiency Fast Recovery Rectifier Diode, 2A, 200V
■ STPS5L40 Power Schottky Rectifier, 5A, 40V
■ STPS5L25B low drop power Schottky Rectifier, 3A, 40V
■ STPS340 Power Schottky Rectifier, 3A, 40V
■ L6565 Quasi Resonant SMPS controller
■ L5973D step down switching regulator up to 2.5A
■ LD29080DT25, 800mA fixed and adjustable output, very low dropout voltage regulator
■ STD3NK80Z N-channel zener protected SuperMESH Power MOSFETs, 800V, 3.2 Ohm, 2.5A STEVAL-ISA016V1




Similar Part No. - STEVAL-ISA016V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA010V1 STMICROELECTRONICS-STEVAL-ISA010V1 Datasheet
188Kb / 4P
Ultra wide range dual output back converter demonstration board based on the VIPER16
06-May-2009
STEVAL-ISA011V1 STMICROELECTRONICS-STEVAL-ISA011V1 Datasheet
95Kb / 4P
VIPER12ADIP-E low power AC/DC adapter demonstration board (suitable for the STEVAL-ILL002V1)
23-Sep-2010
STEVAL-ISA012V1 STMICROELECTRONICS-STEVAL-ISA012V1 Datasheet
92Kb / 4P
3 phase power supply with VIPer and Power MOSFETs
28-Nov-2007
STEVAL-ISA013V1 STMICROELECTRONICS-STEVAL-ISA013V1 Datasheet
105Kb / 5P
Output short circuit protection
20-Jul-2007
STEVAL-ISA014V1 STMICROELECTRONICS-STEVAL-ISA014V1 Datasheet
95Kb / 5P
VIPer12A travel adaptor 3.6W output
23-Mar-2006
More results


Similar Description - STEVAL-ISA016V1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28600 TI-UCC28600 Datasheet
354Kb / 25P
8-PIN QUASI-RESONANT FLYBACK GREEN MODE CONTROLLER
UCC28600-Q1 TI1-UCC28600-Q1 Datasheet
635Kb / 30P
8-PIN QUASI-RESONANT FLYBACK GREEN-MODE CONTROLLER
UCC28600 TI1-UCC28600_13 Datasheet
1,019Kb / 31P
8-Pin Quasi-Resonant Flyback Green-Mode Controller
logo
Allegro MicroSystems
A4401KL-T ALLEGRO-A4401KL-T Datasheet
416Kb / 17P
Automotive Quasi-Resonant Flyback Control IC
logo
Texas Instruments
UCC28600-Q1 TI1-UCC28600-Q1_14 Datasheet
1,014Kb / 32P
8-PIN QUASI-RESONANT FLYBACK GREEN-MODE CONTROLLER
UCC28600 TI1-UCC28600_14 Datasheet
1,021Kb / 32P
8-Pin Quasi-Resonant Flyback Green-Mode Controller
logo
STMicroelectronics
AN1376 STMICROELECTRONICS-AN1376 Datasheet
1Mb / 35P
25W QUASI-RESONANT FLYBACK CONVERTER FOR
Nov-2001
logo
Texas Instruments
UCC28600-Q1 TI-UCC28600-Q1_15 Datasheet
961Kb / 31P
8-PIN QUASI-RESONANT FLYBACK GREEN-MODE CONTROLLER
logo
STMicroelectronics
STEVAL-ISA017V1 STMICROELECTRONICS-STEVAL-ISA017V1 Datasheet
95Kb / 4P
Switch mode Quasi-Resonant Flyback Power Supply
09-Mar-2007
logo
Diodes Incorporated
AP33510 DIODES-AP33510 Datasheet
1Mb / 12P
QUASI-RESONANT FLYBACK GAN CONTROLLER
Rev. 4 - 2 July 2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com