Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA027V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA027V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA027V1
Download  STEVAL-ISA027V1 Download
File Size   201.07 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Multi-footprint for input and output capacitors

STEVAL-ISA027V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA027V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA027V1
Download  STEVAL-ISA027V1 Click to download

File Size   201.07 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Multi-footprint for input and output capacitors

STEVAL-ISA027V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA027V1 Product details

Description
The purpose of this design is to demonstrate the key features of STMicroelectronics' L6726A, a new powerful new buck controller. The L6726A allows the simple and cost effective design of complete step-down voltage regulators. Indeed, and provides a full solution by integrating an 0.8 V reference, control logic and protection, and NMOS drivers in an 8-pin package. Moreover, it features a simple control loop with transconductance error amplifier and soft-start programmability. The L6726A evaluation board implements a step-down DC-DC converter, in a four-layer PCB, and demostrates the operation of the device in a general purpose application. The input voltage can range from 5 V to 12 V and the output voltage is fixed at 1.25 V. The application can deliver an output current up to 20 A, with a switching frequency of 270 KHz. STEVAL-ISA027V1

Features
■ BOM optimized for 12 V input / 1.25 V output @ 20 A
■ High flexibility to host wide range designs
■ Customizable output voltage
■ L6726A / L6727 compatibility
■ Controller input voltage (VCC) range from 5 V to 12 V
■ Conversion input voltage (VIN) up to 13.2 V
■ DPAK / SO-8 / PowerSO-8 / PowerFLAT MOSFET compatibility
■ Multi-footprint for input and output capacitors
■ Through-hole / SMD inductor compatibility
■ 4-layer PCB




Similar Part No. - STEVAL-ISA027V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA020V1 STMICROELECTRONICS-STEVAL-ISA020V1 Datasheet
126Kb / 6P
3.5 W battery charger demonstration board based on the VIPer12AS-E and TSM101
07-Jul-2008
STEVAL-ISA022V1 STMICROELECTRONICS-STEVAL-ISA022V1 Datasheet
165Kb / 4P
Total maximum output power: 5.5 W
03-Dec-2007
STEVAL-ISA023V1 STMICROELECTRONICS-STEVAL-ISA023V1 Datasheet
139Kb / 4P
Flyback AC-DC converter evaluation board based on the VIPer53-E
03-Dec-2007
STEVAL-ISA023V2 STMICROELECTRONICS-STEVAL-ISA023V2 Datasheet
93Kb / 4P
Flyback AC-DC converter evaluation board based on the VIPer53-E with 24 W negative output
03-Dec-2007
STEVAL-ISA024V1 STMICROELECTRONICS-STEVAL-ISA024V1 Datasheet
84Kb / 4P
20 A step-down DC-DC converter demonstration board with 3.3 Vout and 250 kHz switching frequency, based on the L6725
02-Sep-2008
More results


Similar Description - STEVAL-ISA027V1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADC-44D ETC2-ADC-44D Datasheet
292Kb / 66P
Multi-Function Analogue Input/Output Card
logo
Systemsensor advanced i...
CR-6 SYSTEMSENSOR-CR-6 Datasheet
496Kb / 2P
Multiple Input and Output Modules
logo
Panasonic Semiconductor
AN18202A PANASONIC-AN18202A Datasheet
285Kb / 9P
Audio Video SW for TV with multi-signal input output
logo
ABCircuits
SIO7 ABCIRCUITS-SIO7 Datasheet
226Kb / 7P
Serial input/output IC for 7 bits of input and 7 bits of output
logo
Micropac Industries
66173 MICROPAC-66173 Datasheet
75Kb / 2P
TTL compatible input and output
logo
Infineon Technologies A...
PTVA120251EA INFINEON-PTVA120251EA Datasheet
1Mb / 14P
Unmatched input and output
logo
Texas Instruments
LMX2581EVM TI-LMX2581EVM Datasheet
2Mb / 46P
Input and Output Connector Description
logo
Soshin electric Co., Lt...
CLP3MHZ-2786 SOSHIN-CLP3MHZ-2786 Datasheet
101Kb / 1P
For Video Input/Output
CLP6MHZ-2785 SOSHIN-CLP6MHZ-2785 Datasheet
101Kb / 1P
For Video Input/Output
logo
Maxim Integrated Produc...
MAX15093AEVKIT MAXIM-MAX15093AEVKIT Datasheet
408Kb / 9P
Banana Jacks for Input and Output Voltage
Rev 1; 7/19
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com