Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA027V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA027V1
Description  Multi-footprint for input and output capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA027V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA027V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA027V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA027V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA027V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office
December 2007
Rev 2
1/4
4
STEVAL-ISA027V1
Single phase step-down converter evaluation board
based on the L6726A
Features
■ BOM optimized for 12 V input / 1.25 V output @
20 A
■ High flexibility to host wide range designs
■ Customizable output voltage
■ L6726A / L6727 compatibility
■ Controller input voltage (VCC) range from 5 V to
12 V
■ Conversion input voltage (VIN) up to 13.2 V
■ DPAK / SO-8 / PowerSO-8 / PowerFLAT
MOSFET compatibility
■ Multi-footprint for input and output capacitors
■ Through-hole / SMD inductor compatibility
■ 4-layer PCB
Description
The purpose of this design is to demonstrate the
key features of STMicroelectronics' L6726A, a
new powerful new buck controller. The L6726A
allows the simple and cost effective design of
complete step-down voltage regulators. Indeed,
and provides a full solution by integrating an 0.8 V
reference, control logic and protection, and NMOS
drivers in an 8-pin package. Moreover, it features
a simple control loop with transconductance error
amplifier and soft-start programmability. The
L6726A evaluation board implements a step-down
DC-DC converter, in a four-layer PCB, and
demostrates the operation of the device in a
general purpose application. The input voltage
can range from 5 V to 12 V and the output voltage
is fixed at 1.25 V. The application can deliver an
output current up to 20 A, with a switching
frequency of 270 KHz.
STEVAL-ISA027V1
www.st.com


Similar Part No. - STEVAL-ISA027V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA020V1 STMICROELECTRONICS-STEVAL-ISA020V1 Datasheet
126Kb / 6P
3.5 W battery charger demonstration board based on the VIPer12AS-E and TSM101
07-Jul-2008
STEVAL-ISA022V1 STMICROELECTRONICS-STEVAL-ISA022V1 Datasheet
165Kb / 4P
Total maximum output power: 5.5 W
03-Dec-2007
STEVAL-ISA023V1 STMICROELECTRONICS-STEVAL-ISA023V1 Datasheet
139Kb / 4P
Flyback AC-DC converter evaluation board based on the VIPer53-E
03-Dec-2007
STEVAL-ISA023V2 STMICROELECTRONICS-STEVAL-ISA023V2 Datasheet
93Kb / 4P
Flyback AC-DC converter evaluation board based on the VIPer53-E with 24 W negative output
03-Dec-2007
STEVAL-ISA024V1 STMICROELECTRONICS-STEVAL-ISA024V1 Datasheet
84Kb / 4P
20 A step-down DC-DC converter demonstration board with 3.3 Vout and 250 kHz switching frequency, based on the L6725
02-Sep-2008
More results

Similar Description - STEVAL-ISA027V1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADC-44D ETC2-ADC-44D Datasheet
292Kb / 66P
Multi-Function Analogue Input/Output Card
logo
Systemsensor advanced i...
CR-6 SYSTEMSENSOR-CR-6 Datasheet
496Kb / 2P
Multiple Input and Output Modules
logo
Panasonic Semiconductor
AN18202A PANASONIC-AN18202A Datasheet
285Kb / 9P
Audio Video SW for TV with multi-signal input output
logo
ABCircuits
SIO7 ABCIRCUITS-SIO7 Datasheet
226Kb / 7P
Serial input/output IC for 7 bits of input and 7 bits of output
logo
Micropac Industries
66173 MICROPAC-66173 Datasheet
75Kb / 2P
TTL compatible input and output
logo
Infineon Technologies A...
PTVA120251EA INFINEON-PTVA120251EA Datasheet
1Mb / 14P
Unmatched input and output
logo
Texas Instruments
LMX2581EVM TI-LMX2581EVM Datasheet
2Mb / 46P
Input and Output Connector Description
logo
Soshin electric Co., Lt...
CLP3MHZ-2786 SOSHIN-CLP3MHZ-2786 Datasheet
101Kb / 1P
For Video Input/Output
CLP6MHZ-2785 SOSHIN-CLP6MHZ-2785 Datasheet
101Kb / 1P
For Video Input/Output
logo
Maxim Integrated Produc...
MAX15093AEVKIT MAXIM-MAX15093AEVKIT Datasheet
408Kb / 9P
Banana Jacks for Input and Output Voltage
Rev 1; 7/19
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com