Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

196HVCENYCAP Datasheet (PDF) - Vishay Siliconix

196HVCENYCAP Datasheet PDF - Vishay Siliconix
Part # 196HVCENYCAP
Download  196HVCENYCAP Download
File Size   3189.15 Kbytes
Page   15 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Hybrid Energy Storage Capacitors

196HVCENYCAP Datasheet (PDF)

Go To PDF Page Download Datasheet
196HVCENYCAP Datasheet PDF - Vishay Siliconix

Part # 196HVCENYCAP
Download  196HVCENYCAP Click to download

File Size   3189.15 Kbytes
Page   15 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Hybrid Energy Storage Capacitors

196HVCENYCAP Datasheet (HTML) - Vishay Siliconix


196HVCENYCAP Product details

• Polarized energy storage capacitor with high
capacity and energy density
• Voltage flexibility: 1.4 V (single cell) to 2.8 V /
4.2 V / 5.6 V / 7.0 V / 8.4 V (multiple cells)
• Available in stacked through-hole (STH, radial),
surface-mount flat (SMF) and lay flat configurations (LFC)
with wire and connectors
• Useful life: up to 2000 h at 85 °C
• No cell balancing necessary
• Soft and low transient-voltage-controlled charging
characteristic
• Non-hazardous electrolyte
• Maintenance-free, no service necessary
• Evaluation kits for engineering are available under
ordering code: MAL219699001E3




Similar Part No. - 196HVCENYCAP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
196HVC VISHAY-196HVC Datasheet
3Mb / 15P
Hybrid Energy Storage Capacitors
13-Jan-17
196HVC VISHAY-196HVC Datasheet
2Mb / 14P
Hybrid Energy Storage Capacitors
09-Jun-2021
196HVC VISHAY-196HVC_15 Datasheet
2Mb / 13P
Hybrid Energy Storage Capacitors
09-Sep-15
196HVC VISHAY-196HVC_V01 Datasheet
2Mb / 14P
Hybrid Energy Storage Capacitors
09-Jun-2021
More results


Similar Description - 196HVCENYCAP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
196HVC VISHAY-196HVC_15 Datasheet
2Mb / 13P
Hybrid Energy Storage Capacitors
09-Sep-15
196-HVC VISHAY-196-HVC Datasheet
3Mb / 15P
Hybrid Energy Storage Capacitors
13-Jan-17
196HVC VISHAY-196HVC Datasheet
3Mb / 15P
Hybrid Energy Storage Capacitors
13-Jan-17
196DLC VISHAY-196DLC_16 Datasheet
137Kb / 7P
Energy Storage Double Layer Capacitors
18-Jul-16
logo
Bel Fuse Inc.
350INVCHGT150-120-240-8G BEL-350INVCHGT150-120-240-8G Datasheet
1Mb / 9P
Storage Energy Systems
logo
Vishay Siliconix
235EDLC-HVR VISHAY-235EDLC-HVR Datasheet
119Kb / 6P
Ruggedized Electrical Double Layer Energy Storage Capacitors
02-Jul-2021
230EDLC-HV VISHAY-230EDLC-HV Datasheet
121Kb / 6P
Electrical Double Layer Energy Storage Capacitors
02-Jul-2021
220EDLC VISHAY-220EDLC Datasheet
122Kb / 6P
Electrical Double Layer Energy Storage Capacitors
02-Jul-2021
196DLC VISHAY-196DLC_V01 Datasheet
112Kb / 7P
Energy Storage Double Layer Capacitors
04-Oct-2021
196HVC VISHAY-196HVC_V01 Datasheet
2Mb / 14P
Hybrid Energy Storage Capacitors
09-Jun-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com