Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

196HVC Datasheet (PDF) - Vishay Siliconix

196HVC Datasheet PDF - Vishay Siliconix
Part # 196HVC
Download  196HVC Download
File Size   2336.07 Kbytes
Page   14 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Hybrid Energy Storage Capacitors

196HVC Datasheet (PDF)

Go To PDF Page Download Datasheet
196HVC Datasheet PDF - Vishay Siliconix

Part # 196HVC
Download  196HVC Click to download

File Size   2336.07 Kbytes
Page   14 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Hybrid Energy Storage Capacitors

196HVC Datasheet (HTML) - Vishay Siliconix


196HVC Product details

FEATURES
• Polarized energy storage capacitor with high
capacity and energy density
• Voltage flexibility: 1.4 V (single cell) to 2.8 V /
4.2 V / 5.6 V / 7.0 V / 8.4 V (multiple cells)
• Available in stacked through-hole (STH, radial),
surface-mount flat (SMF) and lay flat configurations (LFC)
with wire and connectors
• Useful life: up to 2000 h at 85 °C
• No cell balancing necessary
• Soft and low transient-voltage-controlled charging
characteristic
• Non-hazardous electrolyte
• Maintenance-free, no service necessary
• Evaluation kits for engineering are available under
ordering code: MAL219699001E3
• UL 810A recognized
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - 196HVC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
196HVC VISHAY-196HVC Datasheet
3Mb / 15P
Hybrid Energy Storage Capacitors
13-Jan-17
196HVCENYCAP VISHAY-196HVCENYCAP Datasheet
3Mb / 15P
Hybrid Energy Storage Capacitors
13-Jan-17
196HVC VISHAY-196HVC_15 Datasheet
2Mb / 13P
Hybrid Energy Storage Capacitors
09-Sep-15
More results


Similar Description - 196HVC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
196HVC VISHAY-196HVC_15 Datasheet
2Mb / 13P
Hybrid Energy Storage Capacitors
09-Sep-15
196-HVC VISHAY-196-HVC Datasheet
3Mb / 15P
Hybrid Energy Storage Capacitors
13-Jan-17
196HVC VISHAY-196HVC Datasheet
3Mb / 15P
Hybrid Energy Storage Capacitors
13-Jan-17
196HVCENYCAP VISHAY-196HVCENYCAP Datasheet
3Mb / 15P
Hybrid Energy Storage Capacitors
13-Jan-17
196DLC VISHAY-196DLC_16 Datasheet
137Kb / 7P
Energy Storage Double Layer Capacitors
18-Jul-16
logo
Bel Fuse Inc.
350INVCHGT150-120-240-8G BEL-350INVCHGT150-120-240-8G Datasheet
1Mb / 9P
Storage Energy Systems
logo
Vishay Siliconix
235EDLC-HVR VISHAY-235EDLC-HVR Datasheet
119Kb / 6P
Ruggedized Electrical Double Layer Energy Storage Capacitors
02-Jul-2021
230EDLC-HV VISHAY-230EDLC-HV Datasheet
121Kb / 6P
Electrical Double Layer Energy Storage Capacitors
02-Jul-2021
220EDLC VISHAY-220EDLC Datasheet
122Kb / 6P
Electrical Double Layer Energy Storage Capacitors
02-Jul-2021
196DLC VISHAY-196DLC_V01 Datasheet
112Kb / 7P
Energy Storage Double Layer Capacitors
04-Oct-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com