Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

196HVC Datasheet(PDF) 9 Page - Vishay Siliconix

Part # 196HVC
Description  Hybrid Energy Storage Capacitors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

196HVC Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button 196HVC Datasheet HTML 5Page - Vishay Siliconix 196HVC Datasheet HTML 6Page - Vishay Siliconix 196HVC Datasheet HTML 7Page - Vishay Siliconix 196HVC Datasheet HTML 8Page - Vishay Siliconix 196HVC Datasheet HTML 9Page - Vishay Siliconix 196HVC Datasheet HTML 10Page - Vishay Siliconix 196HVC Datasheet HTML 11Page - Vishay Siliconix 196HVC Datasheet HTML 12Page - Vishay Siliconix 196HVC Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
196 HVC ENYCAP™
www.vishay.com
Vishay BCcomponents
Revision: 09-Jun-2021
9
Document Number: 28409
For technical questions, contact: hybridstorage@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MEASURING OF CHARACTERISTICS
CAPACITANCE (C)
Capacitance shall be measured by constant current
discharge method.
Fig. 13 - Voltage Diagram for Capacitance Measurement
Capacitance value CR is given by discharge current ID, time
t and rated voltage UR, according to the following equation:
For ID, U1, and U2 the following definitions have to be used:
Table 4
Note
•For U2 see also Table 5
Fig. 14 - Test Circuit for Capacitance Measurement
INTERNAL RESISTANCE (RI) AT 1 kHz
Fig. 15 - Test Circuit for RI Measurement
LEAKAGE CURRENT (IL)
Leakage current shall be measured after 30 min application
of rated voltage UR:
Fig. 16 - Test Circuit for Leakage Current
DISCHARGE CURRENT AS A FUNCTION OF
RATED CAPACITANCE
PARAMETER
VALUE
UNIT
Rated capacitance, CR
415
90
F
Discharge current, ID
415
90
mA
CR
Rated capacitance, in F
UR
Rated voltage, in V
U1
Starting voltage, in V
U2
Ending voltage, in V
ΔU3
Voltage drop at internal resistance, in V
t1
Time from start of discharge until voltage U1 is
reached, in s
t2
Time from start of discharge until voltage U2 is
reached, in s
ID
Discharge current, in A
CAPACITANCE
C (F)
ID (A)
UR (V)
U1 (V)
U2 (V)
t1 (s)
t2 (s)
4
0.004
1.4
1.3
0.7
5
> 600
4
0.004
2.8
2.7
1.9
5
> 600
4
0.004
4.2
4.0
3.1
5
> 600
4
0.004
5.6
5.4
4.4
5
> 600
4
0.004
7.0
6.7
5.6
5
> 600
4
0.004
8.4
8.1
6.9
5
> 600
15
0.015
1.4
1.3
0.7
5
> 600
15
0.015
2.8
2.7
1.9
5
> 600
15
0.015
4.2
4.0
3.1
5
> 600
15
0.015
5.6
5.4
4.4
5
> 600
15
0.015
7.0
6.7
5.6
5
> 600
15
0.015
8.4
8.1
6.9
5
> 600
U
R
U
1
U
2
t
1
t
2
ΔU
3
(s)
30 min
C
R F
()
I
D A
() x t
2 s
() - t
1 s
()
()
U
1 V
() - U
2 V
()
----------------------------------------------------------
=
90
0.090
1.4
1.3
0.7
5
> 600
90
0.090
2.8
2.7
1.9
5
> 600
90
0.090
4.2
4.0
3.1
5
> 600
90
0.090
5.6
5.4
4.4
5
> 600
90
0.090
7.0
6.7
5.6
5
> 600
90
0.090
8.4
8.1
6.9
5
> 600
CAPACITANCE
C (F)
ID (A)
UR (V)
U1 (V)
U2 (V)
t1 (s)
t2 (s)
A
V
C
Constant
current
discharger
+
R
I Ω
()
U
C V
()
10
-3
----------------
=
V
A
1 mA
C
1 kHz
+
I
L μA
()
U
S V
()
10
-4
----------------
=
V
R
S
100
Ω
C
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com