Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

196HVC Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 196HVC
Description  Hybrid Energy Storage Capacitors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

196HVC Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button 196HVC Datasheet HTML 3Page - Vishay Siliconix 196HVC Datasheet HTML 4Page - Vishay Siliconix 196HVC Datasheet HTML 5Page - Vishay Siliconix 196HVC Datasheet HTML 6Page - Vishay Siliconix 196HVC Datasheet HTML 7Page - Vishay Siliconix 196HVC Datasheet HTML 8Page - Vishay Siliconix 196HVC Datasheet HTML 9Page - Vishay Siliconix 196HVC Datasheet HTML 10Page - Vishay Siliconix 196HVC Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
196 HVC ENYCAP™
www.vishay.com
Vishay BCcomponents
Revision: 09-Jun-2021
7
Document Number: 28409
For technical questions, contact: hybridstorage@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Unless otherwise specified, all electrical values in Table 2 apply
at Tamb = 20 °C, P = 86 kPa to 106 kPa and RH = 45 % to 75 %
ORDERING EXAMPLE
Hybrid Storage Capacitor
15 F / 1.4 V
Nominal case size: Ø 12.0 mm x 2.5 mm; Form B3
Ordering code: MAL219691211E3
Table 2
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
Rated capacitance, tolerance -20 % / +80 %,
measured by constant current discharge method
UCT
Upper category temperature
IL
Max. leakage current after 24 h at UR
RI
Max. internal resistance at 1 kHz
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
(F)
NOMINAL
CASE SIZE
Ø D x L
D x L x H
(mm)
CASE
CODE
FORM
F
(mm)
F1
(mm)
UCT
(°C)
IL
24 h
(mA)
ESR
AC (1)
1 kHz
(
Ω)
ESR
DC (2)
(
Ω)
MIN.
STORAGE
ENERGY
(Ws)
PACKAGING
QUANTITIES
ORDERING CODE
STACKED THROUGH HOLE CONFIGURATION (STH) - VERTICAL MOUNT
1.4
4
7.0 x 2.5
2 pin
A2
7.5
-
70
0.03
2.5
7.5
4.6
80
MAL219691101E3
2.8
4
7.0 x 5.0
2 pin
A2
7.5
-
70
0.03
5.0
15.0
9.2
80
MAL219691102E3
4.2
4
7.0 x 7.5
2 pin
A2
7.5
-
70
0.03
7.5
22.5
13.8
80
MAL219691103E3
5.6
4
7.0 x 10.0
2 pin
A2
7.5
-
70
0.03
10.0
30.0
18.4
80
MAL219691104E3
7.0
4
7.0 x 12.5
2 pin
A2
7.5
-
70
0.03
12.5
37.5
23.0
84
MAL219691105E3
8.4
4
7.0 x 15.0
2 pin
A2
7.5
-
70
0.03
15.0
45.0
27.6
84
MAL219691106E3
1.4
15
12.0 x 2.5
2 pin
A2
12.5
-
85
0.12
0.6
2.5
17.5
80
MAL219691201E3
2.8
15
12.0 x 5.0
2 pin
A2
12.5
-
85
0.12
1.2
5.0
35.0
80
MAL219691202E3
4.2
15
12.0 x 7.5
2 pin
A2
12.5
-
85
0.12
1.8
7.5
52.5
80
MAL219691203E3
5.6
15
12.0 x 10.0
2 pin
A2
12.5
-
85
0.12
2.4
10.0
70.0
80
MAL219691204E3
7.0
15
12.0 x 12.5
2 pin
A2
12.5
-
85
0.12
3.0
12.5
87.5
90
MAL219691205E3
8.4
15
12.0 x 15.0
2 pin
A2
12.5
-
85
0.12
3.6
15.0
105.0
90
MAL219691206E3
STACKED THROUGH HOLE CONFIGURATION (STH) - HORIZONTAL MOUNT
1.4
4
7.0 x 2.5
2 pin
B2
3.2
-
70
0.03
2.5
7.5
4.6
100
MAL219691121E3
2.8
4
7.0 x 5.0
2 pin
B2
5.4
-
70
0.03
5.0
15.0
9.2
100
MAL219691122E3
4.2
4
7.0 x 7.5
2 pin
B2
7.5
-
70
0.03
7.5
22.5
13.8
96
MAL219691123E3
5.6
4
7.0 x 10.0
2 pin
B2
8.8
-
70
0.03
10.0
30.0
18.4
96
MAL219691124E3
7.0
4
7.0 x 12.5
2 pin
B2
12
-
70
0.03
12.5
37.5
23.0
60
MAL219691125E3
8.4
4
7.0 x 15.0
2 pin
B2
14.5
-
70
0.03
15.0
45.0
27.6
60
MAL219691126E3
1.4
15
12.0 x 2.5
2 pin
B2
3.2
-
85
0.12
0.6
2.5
17.5
100
MAL219691221E3
2.8
15
12.0 x 5.0
2 pin
B2
5.8
-
85
0.12
1.2
5.0
35.0
100
MAL219691222E3
4.2
15
12.0 x 7.5
2 pin
B2
8.3
-
85
0.12
1.8
7.5
52.5
80
MAL219691223E3
5.6
15
12.0 x 10.0
2 pin
B2
11.0
-
85
0.12
2.4
10.0
70.0
90
MAL219691224E3
7.0
15
12.0 x 12.5
2 pin
B2
13.4
-
85
0.12
3.0
12.5
87.5
40
MAL219691225E3
8.4
15
12.0 x 15.0
2 pin
B2
15.7
-
85
0.12
3.6
15.0
105.0
40
MAL219691226E3
1.4
4
7.0 x 2.5
3 pin
B3
2.8
2.5
70
0.03
2.5
7.5
4.6
100
MAL219691111E3
2.8
4
7.0 x 5.0
3 pin
B3
5.1
2.5
70
0.03
5.0
15.0
9.2
100
MAL219691112E3
4.2
4
7.0 x 7.5
3 pin
B3
7.5
2.5
70
0.03
7.5
22.5
13.8
96
MAL219691113E3
5.6
4
7.0 x 10.0
3 pin
B3
10.0
2.5
70
0.03
10.0
30.0
18.4
96
MAL219691114E3
7.0
4
7.0 x 12.5
3 pin
B3
12.0
2.5
70
0.03
12.5
37.5
23.0
60
MAL219691115E3
8.4
4
7.0 x 15.0
3 pin
B3
14.5
2.5
70
0.03
15.0
45.0
27.6
60
MAL219691116E3
1.4
15
12.0 x 2.5
3 pin
B3
3.2
5.0
85
0.12
0.6
2.5
17.5
100
MAL219691211E3
2.8
15
12.0 x 5.0
3 pin
B3
5.8
5.0
85
0.12
1.2
5.0
35.0
100
MAL219691212E3
4.2
15
12.0 x 7.5
3 pin
B3
8.0
5.0
85
0.12
1.8
7.5
52.5
80
MAL219691213E3
5.6
15
12.0 x 10.0
3 pin
B3
11.0
5.0
85
0.12
2.4
10.0
70.0
90
MAL219691214E3
7.0
15
12.0 x 12.5
3 pin
B3
13.0
5.0
85
0.12
3.0
12.5
87.5
40
MAL219691215E3
8.4
15
12.0 x 15.0
3 pin
B3
16.0
5.0
85
0.12
3.6
15.0
105.0
40
MAL219691216E3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com