Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

196HVC Datasheet(PDF) 11 Page - Vishay Siliconix

Part # 196HVC
Description  Hybrid Energy Storage Capacitors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

196HVC Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button 196HVC Datasheet HTML 6Page - Vishay Siliconix 196HVC Datasheet HTML 7Page - Vishay Siliconix 196HVC Datasheet HTML 8Page - Vishay Siliconix 196HVC Datasheet HTML 9Page - Vishay Siliconix 196HVC Datasheet HTML 10Page - Vishay Siliconix 196HVC Datasheet HTML 11Page - Vishay Siliconix 196HVC Datasheet HTML 12Page - Vishay Siliconix 196HVC Datasheet HTML 13Page - Vishay Siliconix 196HVC Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
196 HVC ENYCAP™
www.vishay.com
Vishay BCcomponents
Revision: 09-Jun-2021
11
Document Number: 28409
For technical questions, contact: hybridstorage@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 20 - Typical Backup Time as a Function of Discharge Current
CHARGE CHARACTERISTICS
Fig. 21 - Constant Current (CC) with V-Limit Charging Method at RT
Typical Charge / Discharge Characteristics at RT: 4 F / 5.6 V
Fig. 22 - Constant Current (CC)-Constant Voltage (CV)
Charging Method at RT
Typical Charge / Discharge Characteristics at RT: 4 F / 5.6 V
Fig. 23 - Constant Current (CC) with V-Limit Charging Method at RT
Typical Charge / Discharge Characteristics at RT: 15 F / 5.6 V
Fig. 24 - Constant Current (CC)-Constant Voltage (CV)
Charging Method at RT
Typical Charge / Discharge Characteristics at RT: 15 F / 5.6 V
Note
• Charge and discharge cycles at room temperature (RT) - maximal 50 000 cycles at room temperature allowed!
10
10
2
110
100
Backup
time
(s)
Discharge current (mA)
1
10
3
10
4
10
5
10
6
1000
10 000
C = 90 F (1.4 V to 8.4 V)
0
1
2
3
4
5
6
-5
-2.5
0
2.5
5
7.5
10
0
5
10
15
20
25
t (min)
Charge cc 4 mA/5.6 V and discharge 4 mA/3.2 V
Voltage
Current
0
1
2
3
4
5
6
-5
-2.5
0
2.5
5
7.5
10
0
10203540506070
80
t (min)
Charge cccv 4 mA/5.6 V + 30 min and discharge 4 mA/3.2 V
Voltage
Current
0
1
2
3
4
5
6
-20
-10
0
10
20
30
40
0
5
10
15
20
25
30
35
40
45
50
t (min)
Charge cc 10 mA/5.6 V and discharge 15 mA/3.2 V
Voltage
Current
0
1
2
3
4
5
6
-20
-10
0
10
20
30
40
0
1020354050607080
90
t (min)
Voltage
Current
Charge cccv 10 mA/5.6 V + 30 min and discharge 15 mA/3.2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com