Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

196HVC Datasheet(PDF) 13 Page - Vishay Siliconix

Part # 196HVC
Description  Hybrid Energy Storage Capacitors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

196HVC Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button 196HVC Datasheet HTML 6Page - Vishay Siliconix 196HVC Datasheet HTML 7Page - Vishay Siliconix 196HVC Datasheet HTML 8Page - Vishay Siliconix 196HVC Datasheet HTML 9Page - Vishay Siliconix 196HVC Datasheet HTML 10Page - Vishay Siliconix 196HVC Datasheet HTML 11Page - Vishay Siliconix 196HVC Datasheet HTML 12Page - Vishay Siliconix 196HVC Datasheet HTML 13Page - Vishay Siliconix 196HVC Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
196 HVC ENYCAP™
www.vishay.com
Vishay BCcomponents
Revision: 09-Jun-2021
13
Document Number: 28409
For technical questions, contact: hybridstorage@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Table 6.1
Notes
(1) n... number of cells
(2) RI equals ESRAC or ESRDC
Table 6.2: Stacked Through Hole configuration (STH), Surface Mount Flat configuration (SMF), and Lay Flat
configuration with Connector
Notes
• Robustness - bending limited to ± 15°, force in direction of tab / pin, no twisting allowed
• Solder bath test: max. allowed case temperature during test is e.g. 85 °C or immersion of one (1) pad only
• Wave soldering allowed
(1) RI equals ESRAC or ESRDC
SOLDERING
As a general principle, temperature and duration shall be the minimum necessary required to ensure good soldering
connections. However, the maximum specified soldering time and case temperature should never be exceeded.
EVALUATION KIT
Evaluation kits are available under ordering code: MAL219699001E3. The engineering kit includes a charge and discharge demo
board with different 196 HVC capacitor samples.
For further details, please contact hybridstorage@vishay.com.
Statements about product lifetime are based on calculations and internal testing. They should only be interpreted as estimations. Also due to external factors, the
lifetime in the field application may deviate from the calculated lifetime. In general, nothing stated herein shall be construed as a guarantee of durability.
TEST PROCEDURES AND REQUIREMENTS
NAME OF TEST
ENYCAP
TESTS
SUBCLAUSE
PROCEDURE
(quick reference)
REQUIREMENTS (2)
Damp heat, steady state
4.12
500 h at 55 °C; RH 90 % to 95 %; no voltage applied
ΔC/C: ± 30 %
RI
≤ 4 x spec. limit
IL
≤ 2 x spec. limit
Endurance
4.13.1
Tamb = 70 °C / 85 °C; rated voltage UR applied;
4.0 F, 15 F: 1000 h
90 F: 2000 h
ΔC/C: ± 30 %
RI
≤ 4 x spec. limit
IL
≤ 2 x spec. limit
Useful life
4.13.2
Tamb = 70 °C / 85 °C; rated voltage UR applied;
4.0 F, 15 F: 1000 h
90 F: 2000 h
ΔC/C: ± 30 %
RI
≤ 4 x spec. limit
IL
≤ 2 x spec. limit
Storage at upper category
temperature
4.17
Tamb = 70 °C / 85 °C; no voltage applied;
1000 h
ΔC/C: ± 30 %
RI
≤ 4 x spec. limit
IL
≤ 2 x spec. limit
Self discharge
4.1.5
24 h storage at room temperature after application
of UR for 1 h
Remaining voltage:
≥ (UR x 0.9)
Characteristics at high and
low temperature
4.19
Step 1: reference measurement at 20 °C of C, RI, and IL
Step 2: measurement at -20 °C
Step 3: measurement at +20 °C
Step 4: measurement at +70 °C
Step 5: measurement at +20 °C
ΔC/C: ± 30 % of +20 °C value
RI
≤ 5 x the +20 °C value
IL
≤ 4 x the +20 °C value
Surge voltage
4.15
Max. 30 s at room temperature
US = n (1) x 1.6 V
No change of parameter!
After surge voltage, discharge
product below rated voltage
TEST PROCEDURES AND REQUIREMENTS
NAME OF TEST
ENYCAP
TESTS
SUBCLAUSE
PROCEDURE
(quick reference)
REQUIREMENTS (1)
Robustness of terminations
4.4
Tensile strength; application of load force in pin / tab
direction for 10 s:
10 N: for product size Ø
≥ 8 mm
5 N: for product size Ø < 8 mm
No breaks
Resistance to soldering heat
4.5
260 °C; 5 s
ΔC/C: ± 10 %
RI and IL
≤ spec. limit
Solderability
4.6
Solder bath; 236 °C; 2 s; one pin immersed
≥ 75 % tinning
Vibration
4.8
10 Hz to 55 Hz; 1.5 mm; 3 directions;
2 h per direction
ΔC/C: ± 10 %
RI and IL
≤ spec. limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com