Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

196HVC Datasheet(PDF) 12 Page - Vishay Siliconix

Part # 196HVC
Description  Hybrid Energy Storage Capacitors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

196HVC Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button 196HVC Datasheet HTML 6Page - Vishay Siliconix 196HVC Datasheet HTML 7Page - Vishay Siliconix 196HVC Datasheet HTML 8Page - Vishay Siliconix 196HVC Datasheet HTML 9Page - Vishay Siliconix 196HVC Datasheet HTML 10Page - Vishay Siliconix 196HVC Datasheet HTML 11Page - Vishay Siliconix 196HVC Datasheet HTML 12Page - Vishay Siliconix 196HVC Datasheet HTML 13Page - Vishay Siliconix 196HVC Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
196 HVC ENYCAP™
www.vishay.com
Vishay BCcomponents
Revision: 09-Jun-2021
12
Document Number: 28409
For technical questions, contact: hybridstorage@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 25 - Constant Current (CC) with V-Limit Charging Method at RT
Typical Charge / Discharge Characteristics at RT: 90 F / 5.6 V
Fig. 26 - Constant Current (CC)-Constant Voltage (CV)
Charging Method at RT
Typical Charge / Discharge Characteristics at RT: 90 F / 5.6 V
Note
• Charge and discharge cycles at room temperature (RT) - maximal 50 000 cycles at room temperature allowed!
Notes
• Capacitor is polarized, product will be damaged if reverse charged
• Voltages higher than specified need to be avoided; otherwise reduction of life time, internal gas generation or damage of HVC hybrid
capacitor will occur
• For other operating temperatures, a temperature derating factor has to be considered for correct charging voltage
• Surge voltage is only allowed a few seconds per day, but not as a charging process
(1) n... number of cells
DERATING
Working voltage at temperatures above 60 °C should be below rated voltage UR. A derating-factor of -1.5 mV/°C per cell is
recommended.
PRODUCT AND MOUNTING CHARACTERISTICS
Attention: parts are pre-charged at delivery - handle appropriate.
At delivery products are pre-charged and voltage over terminals is near nominal voltage. Short circuiting of product terminals
is permitted. Do not short circuit permanently. Short circuiting of charged cells may heat up the cells.
For printed circuit board mounting it has to be taken into account, that for certain form factors top and bottom of products may
not be insulated.
Capacitor disposal methods should be in accordance with local and state regulations.
0
1
2
3
4
5
6
-1500
-1000
-500
0
500
1000
1500
0
2
4
6
8
10
12
14
16
18
20
t (min)
Charge cc 300 mA / 5.6 V and discharge 1 A / 3.2 V
Voltage
Current
0
1
2
3
4
5
6
-1500
-1000
-500
0
500
1000
1500
0
1020354050
60
t (min)
Charge cccv 300 mA / 5.6 V + 30 min and discharge 1 A / 3.2 V
Voltage
Current
CHARGING VOLTAGE AT DIFFERENT TEMPERATURES
OPERATING TEMPERATURE RANGE
0 °C UP TO +45 °C
+45 °C UP TO +60 °C
+60 °C UP TO +70 °C / +85 °C
Charge voltage
1 cell
UR + 0.03 V
UR
UR - n (1) x 0.0015 x (T[°C] - 45)
2 cells
UR + 0.06 V
3 cells
UR + 0.09 V
> 4 cells
UR + 0.10 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com