Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1581 Datasheet (PDF) - List of Unclassifed Manufacturers

L1581 Datasheet PDF - List of Unclassifed Manufacturers
Part # L1581
Download  L1581 Download
File Size   116.55 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Dual Input Ultra Low Dropout Voltage Regulator (ULDO)

L1581 Datasheet (PDF)

Go To PDF Page Download Datasheet
L1581 Datasheet PDF - List of Unclassifed Manufacturers

Part # L1581
Download  L1581 Click to download

File Size   116.55 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Dual Input Ultra Low Dropout Voltage Regulator (ULDO)

L1581 Datasheet (HTML) - List of Unclassifed Manufacturers


L1581 Product details

[NIKO-SEM]

GENERAL DESCRIPTION
The L1581 is a positive and very low dropout voltage regulator with 5A output current capability. When supplying 2.5V or 2.8V on Motherboards or VGA Card where both 5V and 3.3V supplies are available, the superior dropout characteristics of the L1581 result in reduced heat dissipation compared to regular LDOs, thus allowing heat sink reduction. The adjustable version requires only two external resistors to set the output. The L1581 features a low dropout of less than 600mV and offers fast transient response, remote sense, internal limiting, thermal shutdown and safe operating area protection of the output device.
The L1581 is a five terminal adjustable voltage regulator available in the popular 5 pin TO-252 packages.

FEATURES
● Low dropout voltage 600mV at rated load current
● Remote sense operation
● Fast transient response
● 0.5% voltage reference initial accuracy
● Standard 5 terminal, Low cost TO-252 packages

APPLICATIONS
● 3.3V to 2.8V or 2.5V for Motherboards or VGA Card
● Spilt plane microprocessor supplies
● Post regulator for switching supplies




Similar Part No. - L1581

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
L158 PULSE-L158 Datasheet
524Kb / 2P
Small Planar NFC Antenna with Ferrite
More results


Similar Description - L1581

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580 Datasheet
79Kb / 5P
DUAL INPUT LOW DROPOUT REGULATOR
EZ1580 SEMTECH-EZ1580_03 Datasheet
161Kb / 6P
Dual Input Low Dropout Regulator
logo
Anpec Electronics Corop...
APL1581 ANPEC-APL1581 Datasheet
311Kb / 17P
DUAL INPUT LOW DROPOUT REGULATOR
APL1582 ANPEC-APL1582_10 Datasheet
199Kb / 12P
Dual Input Low Dropout Regulator
logo
Aeroflex Circuit Techno...
VRG8666 AEROFLEX-VRG8666 Datasheet
559Kb / 6P
Voltage Regulator, 1.0 Amp, Positive Ultra Low Dropout (ULDO), Adjustable Radiation Tolerant
VRG8667 AEROFLEX-VRG8667 Datasheet
409Kb / 7P
Dual Voltage Regulator, 1.0 Amp, Positive Ultra Low Dropout (ULDO), Adjustable Radiation Tolerant
VRG8697 AEROFLEX-VRG8697 Datasheet
443Kb / 7P
Dual Voltage Regulator, 2.5 Amp, Positive Ultra Low Dropout (ULDO), Adjustable Radiation Tolerant
logo
ON Semiconductor
NCP716B ONSEMI-NCP716B Datasheet
250Kb / 8P
Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
June, 2016 ??Rev. 0
NCP716B ONSEMI-NCP716B_17 Datasheet
252Kb / 8P
Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
February, 2017 ??Rev. 1
NCP716BC ONSEMI-NCP716BC Datasheet
769Kb / 9P
Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
December, 2020 ??Rev. 3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com