Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL1581 Datasheet (PDF) - Anpec Electronics Coropration

APL1581 Datasheet PDF - Anpec Electronics Coropration
Part # APL1581
Download  APL1581 Download
File Size   311.07 Kbytes
Page   17 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description DUAL INPUT LOW DROPOUT REGULATOR

APL1581 Datasheet (PDF)

Go To PDF Page Download Datasheet
APL1581 Datasheet PDF - Anpec Electronics Coropration

Part # APL1581
Download  APL1581 Click to download

File Size   311.07 Kbytes
Page   17 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description DUAL INPUT LOW DROPOUT REGULATOR

APL1581 Datasheet (HTML) - Anpec Electronics Coropration


APL1581 Product details

General Description

The  APL1581 series of high performance positive voltage  regulators  are  designed  for  use  in  applications  requiring very low dropout voltage at  5Amp.

The  APL1581  can provide a  output voltage at   the  range of 1.25V to 2.55V where both 5V and 3.3V voltage supplies are available.



Features

• Adjustable or Fixed Output

• 520mV typ. Dropout at 5A in Dual Power Voltage Mode

• Remote Sense Pin Available

• 2% Accuracy Over Temperature Range

• Build-in Over T emperature Protection

• Build-in Current Limit

• 5 Pin TO-220 and TO-263, TO-252, SOP-8-P Packages

• Lead Free and Green Devices Available (RoHS Compliant)




Similar Part No. - APL1581

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1581 ANPEC-APL1581 Datasheet
283Kb / 20P
DUAL INPUT LOW DROPOUT REGULATOR
Rev. B.8 - Jan., 2012
APL158115G5C-TRG ANPEC-APL158115G5C-TRG Datasheet
283Kb / 20P
DUAL INPUT LOW DROPOUT REGULATOR
Rev. B.8 - Jan., 2012
APL158115KAC-TRG ANPEC-APL158115KAC-TRG Datasheet
283Kb / 20P
DUAL INPUT LOW DROPOUT REGULATOR
Rev. B.8 - Jan., 2012
APL158115U4C-TRG ANPEC-APL158115U4C-TRG Datasheet
283Kb / 20P
DUAL INPUT LOW DROPOUT REGULATOR
Rev. B.8 - Jan., 2012
APL158115U5C-TRG ANPEC-APL158115U5C-TRG Datasheet
283Kb / 20P
DUAL INPUT LOW DROPOUT REGULATOR
Rev. B.8 - Jan., 2012
More results


Similar Description - APL1581

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580 Datasheet
79Kb / 5P
DUAL INPUT LOW DROPOUT REGULATOR
logo
Anpec Electronics Corop...
APL1582 ANPEC-APL1582 Datasheet
106Kb / 13P
DUAL INPUT LOW DROPOUT REGULATOR
logo
Taiwan Semiconductor Co...
TS1581 TSC-TS1581 Datasheet
135Kb / 7P
5A Dual Input Low Dropout Positive Voltage Regulator
TS1582 TSC-TS1582 Datasheet
135Kb / 7P
3A Dual Input Low Dropout Positive Voltage Regulator
TS1583 TSC-TS1583 Datasheet
135Kb / 7P
1.5A Dual Input Low Dropout Positive Voltage Regulator
logo
Anpec Electronics Corop...
APL5330 ANPEC-APL5330 Datasheet
669Kb / 17P
Dual Input 2A Low Dropout Regulator
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580_03 Datasheet
161Kb / 6P
Dual Input Low Dropout Regulator
EZ1580 SEMTECH-EZ1580_10 Datasheet
170Kb / 6P
Dual Input Low Dropout Regulator
logo
Anpec Electronics Corop...
APL1582 ANPEC-APL1582_10 Datasheet
199Kb / 12P
Dual Input Low Dropout Regulator
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580_16 Datasheet
169Kb / 6P
Dual Input Low Dropout Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com