Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EZ1580 Datasheet (PDF) - Semtech Corporation

EZ1580 Datasheet PDF - Semtech Corporation
Part # EZ1580
Download  EZ1580 Download
File Size   79.58 Kbytes
Page   5 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description DUAL INPUT LOW DROPOUT REGULATOR

EZ1580 Datasheet (PDF)

Go To PDF Page Download Datasheet
EZ1580 Datasheet PDF - Semtech Corporation

Part # EZ1580
Download  EZ1580 Click to download

File Size   79.58 Kbytes
Page   5 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description DUAL INPUT LOW DROPOUT REGULATOR

EZ1580 Datasheet (HTML) - Semtech Corporation


EZ1580 Product details

Description
The EZ158X family of high performance positive voltage regulators are designed for use in applications requiring very low dropout voltage at up to 7, 5, 3 and 1.5 amps. Capable of supplying up to 2.8V on boards where both 5V and 3.3V supplies are available, the superior dropout characteristics of the EZ158X result in reduced heat dissipation compared to regular LDOs. This allows for heatsink size reduction or elimination. Additionally, the EZ158X provides excellent regulation over variations in line, load and temperature. Remote sense operation allows compensating for trace, connector and other resistive losses.

Features
♦ 540mV dropout @ 7A in dual supply mode (EZ1580)
♦ Remote sense operation
♦ Fast transient response
♦ 0.5% initial accuracy
♦ Line regulation typically 0.08%
♦ Load regulation typically 0.08%
♦ 5 Pin TO-220 and TO-263 packages

Applications
♦ Microprocessor supplies
♦ Split plane microprocessor supplies
♦ Advanced graphics cards
♦ Sound cards
♦ Low voltage logic supplies
♦ Switching power supply post regulation




Similar Part No. - EZ1580

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580 Datasheet
170Kb / 6P
Dual Input Low Dropout Regulator
EZ1580 SEMTECH-EZ1580 Datasheet
169Kb / 6P
Dual Input Low Dropout Regulator
EZ1580CM-1.3.TR SEMTECH-EZ1580CM-1.3.TR Datasheet
161Kb / 6P
Dual Input Low Dropout Regulator
EZ1580CM-5.7.TR SEMTECH-EZ1580CM-5.7.TR Datasheet
161Kb / 6P
Dual Input Low Dropout Regulator
EZ1580CM-X.X.TR SEMTECH-EZ1580CM-X.X.TR Datasheet
161Kb / 6P
Dual Input Low Dropout Regulator
More results


Similar Description - EZ1580

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1582 ANPEC-APL1582 Datasheet
106Kb / 13P
DUAL INPUT LOW DROPOUT REGULATOR
logo
Taiwan Semiconductor Co...
TS1581 TSC-TS1581 Datasheet
135Kb / 7P
5A Dual Input Low Dropout Positive Voltage Regulator
TS1582 TSC-TS1582 Datasheet
135Kb / 7P
3A Dual Input Low Dropout Positive Voltage Regulator
TS1583 TSC-TS1583 Datasheet
135Kb / 7P
1.5A Dual Input Low Dropout Positive Voltage Regulator
logo
Anpec Electronics Corop...
APL5330 ANPEC-APL5330 Datasheet
669Kb / 17P
Dual Input 2A Low Dropout Regulator
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580_03 Datasheet
161Kb / 6P
Dual Input Low Dropout Regulator
logo
Anpec Electronics Corop...
APL1581 ANPEC-APL1581 Datasheet
311Kb / 17P
DUAL INPUT LOW DROPOUT REGULATOR
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580_10 Datasheet
170Kb / 6P
Dual Input Low Dropout Regulator
logo
Anpec Electronics Corop...
APL1582 ANPEC-APL1582_10 Datasheet
199Kb / 12P
Dual Input Low Dropout Regulator
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580_16 Datasheet
169Kb / 6P
Dual Input Low Dropout Regulator
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com