Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL1582 Datasheet (PDF) - Anpec Electronics Coropration

APL1582 Datasheet PDF - Anpec Electronics Coropration
Part # APL1582
Download  APL1582 Download
File Size   106.58 Kbytes
Page   13 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description DUAL INPUT LOW DROPOUT REGULATOR

APL1582 Datasheet (PDF)

Go To PDF Page Download Datasheet
APL1582 Datasheet PDF - Anpec Electronics Coropration

Part # APL1582
Download  APL1582 Click to download

File Size   106.58 Kbytes
Page   13 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description DUAL INPUT LOW DROPOUT REGULATOR

APL1582 Datasheet (HTML) - Anpec Electronics Coropration


APL1582 Product details

General Description
The APL1582 of high performance positive voltage regulators are designed for use in applications requiring very low dropout voltage at 3Amps .
The APL1582 can provide a output voltage at the range of 1.25V to 2.55V , where both 5V and 3.3V voltage supplies are available .
The superior dropout characteristics result in reduced heat dissipation compared to regular LDOs. The APL1582 also provides excellent regulation over line , load , and temperature variations.
Current limit is trimmed to ensure specified output current and controlled short-circuit current . On-chip thermal limiting provides protection against any combination of overload that would create excessive junction temperature .
The APL1582 is available in both the through-hole and surface mount versions of the industry standard 5-Pin TO-220, TO-252 and TO-263 power packages .

Features
• 450mV typ. Dropout at 3A in dual power voltage mode
• Remote Sense Pin Available
• 2% Accuracy Over Temperature Range
• Build-in Over Temperature Protection
• Build-in Current Limit
• 5 Pin TO-220, TO-252 and TO-263 Packages
• No Supply Sequencing Problems in Dual Supply Mode

Applications
• Microprocessor Supplies
• Chip Set Supplies
• VGA Card Power
• LCD Monitor Power




Similar Part No. - APL1582

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1582 ANPEC-APL1582 Datasheet
199Kb / 12P
Dual Input Low Dropout Regulator
APL1582G5C-TRG ANPEC-APL1582G5C-TRG Datasheet
199Kb / 12P
Dual Input Low Dropout Regulator
APL1582U5C-TRG ANPEC-APL1582U5C-TRG Datasheet
199Kb / 12P
Dual Input Low Dropout Regulator
APL1582 ANPEC-APL1582_10 Datasheet
199Kb / 12P
Dual Input Low Dropout Regulator
More results


Similar Description - APL1582

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580 Datasheet
79Kb / 5P
DUAL INPUT LOW DROPOUT REGULATOR
logo
Taiwan Semiconductor Co...
TS1581 TSC-TS1581 Datasheet
135Kb / 7P
5A Dual Input Low Dropout Positive Voltage Regulator
TS1582 TSC-TS1582 Datasheet
135Kb / 7P
3A Dual Input Low Dropout Positive Voltage Regulator
TS1583 TSC-TS1583 Datasheet
135Kb / 7P
1.5A Dual Input Low Dropout Positive Voltage Regulator
logo
Anpec Electronics Corop...
APL5330 ANPEC-APL5330 Datasheet
669Kb / 17P
Dual Input 2A Low Dropout Regulator
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580_03 Datasheet
161Kb / 6P
Dual Input Low Dropout Regulator
logo
Anpec Electronics Corop...
APL1581 ANPEC-APL1581 Datasheet
311Kb / 17P
DUAL INPUT LOW DROPOUT REGULATOR
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580_10 Datasheet
170Kb / 6P
Dual Input Low Dropout Regulator
logo
Anpec Electronics Corop...
APL1582 ANPEC-APL1582_10 Datasheet
199Kb / 12P
Dual Input Low Dropout Regulator
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580_16 Datasheet
169Kb / 6P
Dual Input Low Dropout Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com