Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTV-814H Datasheet (PDF) - Lite-On Technology Corporation

LTV-814H Datasheet PDF - Lite-On Technology Corporation
Part # LTV-814H
Download  LTV-814H Download
File Size   359.5 Kbytes
Page   12 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description AC INPUT RESPONSE

LTV-814H Datasheet (PDF)

Go To PDF Page Download Datasheet
LTV-814H Datasheet PDF - Lite-On Technology Corporation

Part # LTV-814H
Download  LTV-814H Click to download

File Size   359.5 Kbytes
Page   12 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description AC INPUT RESPONSE

LTV-814H Datasheet (HTML) - Lite-On Technology Corporation


LTV-814H Product details

FEATURES
* AC input response
* High input current
    ( IF : MAX. 150mA )
* High input-output isolation voltage
    ( Viso = 5,000Vrms )
* Low collector dark current
    ( ICEO : MAX. 10-7A at VCE = 20V )
* Current transfer ratio
    ( CTR : MIN. 20% at IF = ±100mA, VCE = 2V )
* Dual-in-line package :
    LTV-814H : 1-channel type
    LTV-824H : 2-channel type
    LTV-844H : 4-channel type
* Wide lead spacing package :
    LTV-814HM : 1-channel type
    LTV-824HM : 2-channel type
    LTV-844HM : 4-channel type
* Surface mounting package :
    LTV-814HS : 1-channel type
    LTV-824HS : 2-channel type
    LTV-844HS : 4-channel type
* Tape and reel packaging :
    LTV-814HS-TA1, LTV-824HS-TA1
* UL approved ( No. E113898 ) only 814H
* TUV approved ( No. R9653630 )
* CSA approved ( No. CA91533 )
* VDE approved ( No. 094722 ) only 814H




Similar Part No. - LTV-814H

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-814H TENAND-LTV-814H Datasheet
406Kb / 12P
Property of LITE-ON Only
LTV-814HM TENAND-LTV-814HM Datasheet
406Kb / 12P
Property of LITE-ON Only
LTV-814HS TENAND-LTV-814HS Datasheet
406Kb / 12P
Property of LITE-ON Only
LTV-814HS-TA1 TENAND-LTV-814HS-TA1 Datasheet
406Kb / 12P
Property of LITE-ON Only
More results


Similar Description - LTV-814H

ManufacturerPart #DatasheetDescription
logo
NEC
PS2525-1 NEC-PS2525-1 Datasheet
130Kb / 12P
LARGE FORWARD INPUT TYPE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SIRIES
PS2706-1 NEC-PS2706-1 Datasheet
96Kb / 12P
AC INPUT RESPONSE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2525-1 CEL-PS2525-1 Datasheet
433Kb / 15P
LARGE FORWARD INPUT TYPE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2525-1 RENESAS-PS2525-1 Datasheet
274Kb / 14P
LARGE FORWARD INPUT TYPE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
COSMO Electronics Corp...
KPS2806 COSMO-KPS2806_12 Datasheet
160Kb / 5P
High Isolation Voltage AC Input Response Type SSOP Photocoupler
logo
Lite-On Technology Corp...
LTV-814-A LITEON-LTV-814-A Datasheet
373Kb / 13P
AC input response
logo
Renesas Technology Corp
PS2705-1 RENESAS-PS2705-1_15 Datasheet
286Kb / 15P
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE
PS2505-1 RENESAS-PS2505-1 Datasheet
5Mb / 13P
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE
Dec 25, 2020
PS2706-1 RENESAS-PS2706-1 Datasheet
5Mb / 15P
AC INPUT RESPONSE DARLINGTON TRANSISTOR SOP PHOTOCOUPLER
May 14, 2020
RV1S2285A RENESAS-RV1S2285A Datasheet
6Mb / 15P
OPERATING AMBIENT TEMPERATURE 115°C,AC INPUT RESPONSE
Nov 11,2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com