Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS328DQTR Datasheet (PDF) - STMicroelectronics

IIS328DQTR Datasheet PDF - STMicroelectronics
Part # IIS328DQTR
Download  IIS328DQTR Download
File Size   839.14 Kbytes
Page   40 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High-performance ultra-low-power 3-axis accelerometer with digital output for industrial applications

IIS328DQTR Datasheet (PDF)

Go To PDF Page Download Datasheet
IIS328DQTR Datasheet PDF - STMicroelectronics

Part # IIS328DQTR
Download  IIS328DQTR Click to download

File Size   839.14 Kbytes
Page   40 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High-performance ultra-low-power 3-axis accelerometer with digital output for industrial applications

IIS328DQTR Datasheet (HTML) - STMicroelectronics


IIS328DQTR Product details

Description
The IIS328DQ is an ultra-low-power highperformance 3-axis linear accelerometer with a
digital serial interface, SPI or I2C compatible.
Recommended for industrial applications
requiring an extended temperature range and
long lifespan, the device features ultra-low-power
operational modes that allow advanced power
saving and smart sleep-to-wakeup functions. The
IIS328DQ has dynamic user-selectable full-scales
of ±2g/±4g/±8g and is capable of measuring
accelerations with output data rates from 0.5 Hz
to 1 kHz. The self-test capability allows the user to
check the functioning of the sensor in the final
application. The device may be configured to
generate an interrupt signal through inertial
wakeup events, or by the position of the device
itself. Interrupt generators are programmable by
the end user on-the-fly. Available in a small, quad,
flat pack no-lead package (QFPN) with a 4x4 mm
footprint, the IIS328DQ corresponds to the trend
towards application miniaturization, and is
guaranteed to operate over a temperature range
from -40 °C to +105 °C.

Features
 Wide supply voltage range: 2.16 V to 3.6 V
 Low voltage compatible IOs: 1.8 V
 Ultra-low power consumption: down to 10 μA
 2g/±4g/8g dynamically selectable full-scale
 SPI / I2C digital output interface
 16-bit data output
 2 independent programmable interrupt
generators
 System sleep/wakeup function
 Extended temperature range: -40 °C to 105 °C
 Embedded self-test
 High shock survivability: up to 10000 g
 ECOPACK®, RoHS and “Green” compliant

Applications
 Anti-tampering devices
 Impact recognition and logging
 Vibration monitoring and compensation
 Robotics
 Platform/antenna stabilization
 Tilt/inclination measurements
 Motion-activated functions
 Intelligent power saving




Similar Part No. - IIS328DQTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IIS3DHHC STMICROELECTRONICS-IIS3DHHC Datasheet
663Kb / 30P
High-resolution, high-stability 3-axis digital accelerometer
Rev 3 - March 2020
IIS3DHHC STMICROELECTRONICS-IIS3DHHC Datasheet
150Kb / 4P
Digital inclinometer kit based on IIS3DHHC
Rev 1 - November 2020
IIS3DHHCTR STMICROELECTRONICS-IIS3DHHCTR Datasheet
663Kb / 30P
High-resolution, high-stability 3-axis digital accelerometer
Rev 3 - March 2020
IIS3DWB STMICROELECTRONICS-IIS3DWB Datasheet
1Mb / 11P
SensorTile Wireless Industrial Node development kit and reference
Rev 4 - May 2020
IIS3DWB STMICROELECTRONICS-IIS3DWB Datasheet
848Kb / 6P
STWIN.box - SensorTile Wireless Industrial Node Development Kit
25-Jan-2023
More results


Similar Description - IIS328DQTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS2DH STMICROELECTRONICS-LIS2DH Datasheet
927Kb / 50P
ultra low-power high performance 3-axis ?쐄emto??accelerometer
25-Nov-2011
AIS328DQ STMICROELECTRONICS-AIS328DQ Datasheet
706Kb / 43P
High-performance ultra low-power 3-axis accelerometer
13-Apr-2012
AN2989 STMICROELECTRONICS-AN2989 Datasheet
470Kb / 28P
high performance ultra low-power 3-axis accelerometer
24-Jun-2009
AIS3624DQ STMICROELECTRONICS-AIS3624DQ Datasheet
1Mb / 41P
ultra-low-power digital output 3-axis accelerometer
14-Dec-2015
LIS2DS12 STMICROELECTRONICS-LIS2DS12 Datasheet
1Mb / 68P
ultra-low-power high-performance 3-axis "pico" accelerometer
14-Dec-2015
LIS3DE STMICROELECTRONICS-LIS3DE Datasheet
1Mb / 46P
ultra-low-power high-performance 3-axis "nano" accelerometer
19-Jun-2014
MIS2DH STMICROELECTRONICS-MIS2DH Datasheet
1Mb / 49P
ultra-low-power high-performance 3-axis accelerometer
03-Sep-2015
IIS2DH STMICROELECTRONICS-IIS2DH Datasheet
1Mb / 49P
Ultra-low-power high-performance 3-axis accelerometer with digital output for industrial applications
21-Apr-2015
IIS2DLPC STMICROELECTRONICS-IIS2DLPC Datasheet
1Mb / 69P
MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
03-May-2019
AIS2DW12 STMICROELECTRONICS-AIS2DW12 Datasheet
1Mb / 60P
MEMS digital output motion sensor: ultra-low-power 3-axis accelerometer for automotive applications
20-Jun-2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com