Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3GD20HTR Datasheet (PDF) - STMicroelectronics

L3GD20HTR Datasheet PDF - STMicroelectronics
Part # L3GD20HTR
Download  L3GD20HTR Download
File Size   2483.32 Kbytes
Page   52 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MEMS motion sensor: three-axis digital output gyroscope

L3GD20HTR Datasheet (PDF)

Go To PDF Page Download Datasheet
L3GD20HTR Datasheet PDF - STMicroelectronics

Part # L3GD20HTR
Download  L3GD20HTR Click to download

File Size   2483.32 Kbytes
Page   52 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MEMS motion sensor: three-axis digital output gyroscope

L3GD20HTR Datasheet (HTML) - STMicroelectronics


L3GD20HTR Product details

Description
The L3GD20H is a low-power three-axis angular
rate sensor.
It includes a sensing element and an IC interface
able to provide the measured angular rate to the
external world through digital interface (I2C/SPI).
The sensing element is manufactured using a
dedicated micromachining process developed by
ST to produce inertial sensors and actuators on
silicon wafers.
The IC interface is manufactured using a CMOS
process that allows a high level of integration to
design a dedicated circuit which is trimmed to
better match the sensing element characteristics.
The L3GD20H has a full scale of
±245/±500/±2000 dps and is capable of
measuring rates with a user selectable
bandwidth.
The L3GD20H is available in a plastic land grid
array (LGA) package and can operate within a
temperature range from -40 °C to +85 °C.

Features
• Wide supply voltage, 2.2 V to 3.6 V
• Wide extended operating temperature range
(from -40 °C to 85 °C)
• Low voltage compatible IOs, 1.8 V
• Low power consumption
• Embedded power-down
• Sleep mode
• Fast turn-on and wake-up
• Three selectable full scales up to 2000 dps
• 16 bit rate value data output
• 8 bit temperature data output
• I
2C/SPI digital output interface
• 2 dedicated lines (1 interrupt, 1 data ready)
• User enable integrated high-pass filters
• Embedded temperature sensor
• Embedded 32 levels of 16 bit data output FIFO
• High shock survivability
• ECOPACK® RoHS and “Green” compliant

Applications
• Gaming and virtual reality input devices
• Motion control with MMI (man-machine
interface)
• GPS navigation systems
• Appliances and robotics




Similar Part No. - L3GD20HTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3GD20 STMICROELECTRONICS-L3GD20 Datasheet
1Mb / 44P
MEMS motion sensor: three-axis digital output gyroscope
18-Aug-2011
L3GD20TR STMICROELECTRONICS-L3GD20TR Datasheet
1Mb / 44P
MEMS motion sensor: three-axis digital output gyroscope
18-Aug-2011
More results


Similar Description - L3GD20HTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3G4200D STMICROELECTRONICS-L3G4200D Datasheet
810Kb / 24P
MEMS motion sensor: three-axis digital output gyroscope
11-Feb-2010
LPY550AL STMICROELECTRONICS-LPY550AL Datasheet
227Kb / 12P
MEMS motion sensor: dual axis pitch and yaw ±500°/s analog output gyroscope
06-Jul-2009
LPY5150AL STMICROELECTRONICS-LPY5150AL Datasheet
229Kb / 12P
MEMS motion sensor: dual axis pitch and yaw ±1500°/s analog output gyroscope
06-Jul-2009
L3G4200D_1012 STMICROELECTRONICS-L3G4200D_1012 Datasheet
1Mb / 42P
MEMS motion sensor: ultra-stable three-axis digital output gyroscope
22-Dec-2010
L3GD20 STMICROELECTRONICS-L3GD20 Datasheet
1Mb / 44P
MEMS motion sensor: three-axis digital output gyroscope
18-Aug-2011
A3G4250DTR STMICROELECTRONICS-A3G4250DTR Datasheet
1Mb / 44P
MEMS motion sensor: 3-axis digital output gyroscope
14-Feb-2012
LIS3DSHTR STMICROELECTRONICS-LIS3DSHTR Datasheet
1Mb / 53P
MEMS digital output motion sensor ultra low-power high performance three-axis ?쐍ano??accelerometer
26-Oct-2011
L2G3IS STMICROELECTRONICS-L2G3IS Datasheet
696Kb / 26P
MEMS motion sensor: two-axis digital output gyroscope for optical image stabilization
05-Dec-2013
LIS3DHH STMICROELECTRONICS-LIS3DHH Datasheet
641Kb / 29P
MEMS motion sensor three-axis digital output accelerometer
11-Oct-2017
L3G4IS STMICROELECTRONICS-L3G4IS Datasheet
478Kb / 24P
MEMS motion sensor: three-axis digital output gyroscope for gaming and OIS
22-Dec-2011
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com