Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7533TD Datasheet (PDF) - Exar Corporation

MP7533TD Datasheet PDF - Exar Corporation
Part # MP7533TD
Download  MP7533TD Download
File Size   83.58 Kbytes
Page   8 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 15 V CMOS Multiplying10-Bit Digital-to-Analog Converter

MP7533TD Datasheet (PDF)

Go To PDF Page Download Datasheet
MP7533TD Datasheet PDF - Exar Corporation

Part # MP7533TD
Download  MP7533TD Click to download

File Size   83.58 Kbytes
Page   8 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 15 V CMOS Multiplying10-Bit Digital-to-Analog Converter

MP7533TD Datasheet (HTML) - Exar Corporation


MP7533TD Product details

GENERAL DESCRIPTION

The MP7533 is a low cost, 10-bit multiplying Digital-to-Analog Converter. This device uses EXAR’s patented advanced thin film resistor and CMOS technologies, providing up to 10-bit accuracies with TTL/CMOS compatibility. Pin and functional equivalent to the industry standard MP7520, the MP7533 is recommended as a lower cost alternative for old MP7520 sockets or new 10-bit DAC designs.



FEATURES

• 10-Bit Resolution

• Non-Linearity: 1/2 LSB to 2 LSB

• Nonlinearity Tempco: 0.2 ppm of FSR/°C, Max.

• Low Power Dissipation: 20 mW

• Current Settling Time: 500 ns

• Feedthrough Error: 1 mV p-p @ 10 kHz, Max.

• TTL/CMOS Compatible

• Latch-Up Free

• Improved Replacement for AD7533



BENEFITS

• Accurate Converter at Low Cost

• Can be used in Reverse Mode (Voltage Out)

• Flexible Design



APPLICATIONS

• Digital/Analog Multiplication

• Character Generation

• Programmable Power Supplies

• Gain Controlled Circuits




Similar Part No. - MP7533TD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
CMOS QUAD SPST ANALOG SWITCHES
MP7511DI ETC-MP7511DI Datasheet
230Kb / 3P
CMOS QUAD SPST ANALOG SWITCHES
MP7512DI ETC-MP7512DI Datasheet
230Kb / 3P
CMOS QUAD SPST ANALOG SWITCHES
logo
Exar Corporation
MP7523 EXAR-MP7523 Datasheet
102Kb / 12P
15 V CMOS Multiplying 8-Bit Digital-to-Analog Converter
MP7523JN EXAR-MP7523JN Datasheet
102Kb / 12P
15 V CMOS Multiplying 8-Bit Digital-to-Analog Converter
More results


Similar Description - MP7533TD

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC850 TELCOM-TC850 Datasheet
164Kb / 14P
15-BIT, FAST-INTEGRATING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
MP7633 ETC-MP7633 Datasheet
1Mb / 5P
CMOS 10-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
logo
Exar Corporation
MP7614 EXAR-MP7614 Datasheet
91Kb / 8P
15 V CMOS Multiplying 14-Bit Digital-to-Analog Converter
MP7542 EXAR-MP7542 Datasheet
108Kb / 12P
5 V CMOS 4-Bit Input, 12-Bit Digital-to-Analog Converter
MP7541B EXAR-MP7541B Datasheet
89Kb / 8P
15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
MP7636 EXAR-MP7636 Datasheet
84Kb / 8P
15 V CMOS Microprocessor Compatible Double-Buffered, Multiplying 16-Bit Digital-to-Analog Converter
MP7616 EXAR-MP7616 Datasheet
91Kb / 8P
15 V CMOS 16-Bit Multiplying Digital-to-Analog Converter
MP7523 EXAR-MP7523 Datasheet
102Kb / 12P
15 V CMOS Multiplying 8-Bit Digital-to-Analog Converter
logo
Intronics Power, Inc.
DAS1152 INTRONICS-DAS1152 Datasheet
868Kb / 4P
14-Bit & 15-Bit Sampling Analog To Digital Converter
logo
Texas Instruments
THS1030 TI1-THS1030_13 Datasheet
1Mb / 39P
3-V TO 5.5-V, 10-BIT, 30MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com