Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTA10-600CW Datasheet (PDF) - STMicroelectronics

BTA10-600CW Datasheet PDF - STMicroelectronics
Part # BTA10-600CW
Download  BTA10-600CW Download
File Size   634.6 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 10 A Snubberless™, logic level and standard Triacs

BTA10-600CW Datasheet (PDF)

Go To PDF Page Download Datasheet
BTA10-600CW Datasheet PDF - STMicroelectronics

Part # BTA10-600CW
Download  BTA10-600CW Click to download

File Size   634.6 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 10 A Snubberless™, logic level and standard Triacs

BTA10-600CW Datasheet (HTML) - STMicroelectronics


BTA10-600CW Product details

Description
Available either in through-hole or surface mount




Similar Part No. - BTA10-600CW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA10-600CW STMICROELECTRONICS-BTA10-600CW Datasheet
74Kb / 7P
10A TRIACS
13-Feb-2006
logo
Inchange Semiconductor ...
BTA10-600CW ISC-BTA10-600CW Datasheet
107Kb / 1P
With TO-220AB insulated package
logo
Shenzhen Luguang Electr...
BTA10-600CW LUGUANG-BTA10-600CW Datasheet
2Mb / 5P
10A Ⅲ&ⅣSERIES TRIACS
Revision:20230619-P1
BTA10-600CW LUGUANG-BTA10-600CW Datasheet
2Mb / 5P
10A Ⅲ&ⅣSERIES TRIACS
Revision:20230619-P1
logo
STMicroelectronics
BTA10-600CWRG STMICROELECTRONICS-BTA10-600CWRG Datasheet
74Kb / 7P
10A TRIACS
13-Feb-2006
More results


Similar Description - BTA10-600CW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T1635-700G-TR STMICROELECTRONICS-T1635-700G-TR Datasheet
114Kb / 10P
16 A Snubberless?? logic level and standard Triacs
11-Mar-2010
BTA12-700SWRG STMICROELECTRONICS-BTA12-700SWRG Datasheet
140Kb / 12P
12 A Snubberless?? logic level and standard triacs
28-Sep-2007
logo
Kersemi Electronic Co.,...
BTA16-600B KERSEMI-BTA16-600B Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTA16-600BW KERSEMI-BTA16-600BW Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
logo
STMicroelectronics
T1035 STMICROELECTRONICS-T1035 Datasheet
234Kb / 12P
10 A Snubberless™ logic level and standard Triacs
01-Mar-2019
BTA12 STMICROELECTRONICS-BTA12_V01 Datasheet
236Kb / 16P
12 A Snubberless™, logic level and standard Triacs
07-Feb-2019
BTA08 STMICROELECTRONICS-BTA08_V01 Datasheet
274Kb / 21P
Snubberless™, logic level and standard 8 A Triacs
09-Aug-2018
BTA16 STMICROELECTRONICS-BTA16_V01 Datasheet
217Kb / 18P
Snubberless™, logic level and standard 16 A Triacs
30-May-2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com