Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9301-TR Datasheet (PDF) - STMicroelectronics

L9301-TR Datasheet PDF - STMicroelectronics
Part # L9301-TR
Download  L9301-TR Download
File Size   763.69 Kbytes
Page   51 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive octal low side driver or quad low side plus quad high side driver

L9301-TR Datasheet (PDF)

Go To PDF Page Download Datasheet
L9301-TR Datasheet PDF - STMicroelectronics

Part # L9301-TR
Download  L9301-TR Click to download

File Size   763.69 Kbytes
Page   51 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive octal low side driver or quad low side plus quad high side driver

L9301-TR Datasheet (HTML) - STMicroelectronics


L9301-TR Product details

Description
The L9301 is a SPI (Serial Peripheral Interface)
controlled octal channel with 4 high/low and 4 low
side drivers with the possibility to use four
integrated PowerMOS as recirculation diodes for
PWM load driving.
L9301 contains 12 PowerMOS: 4 configurable
High/Low side drivers with Ronmax = 0.6 Ω
(DRN1-4, SRC1-4), 4 low side drivers with
Ronmax = 0.6 Ω (OUT1-4) and 4 low side drivers
with Ronmax = 0.3 Ω (OUT5-8).
The power DRN/SRC1-4 and OUT1-4 can be
connected in parallel outside the device in order
to get 4 low-side drivers with Ronmax = 0.3 Ω:
DRN1//DRN2, DRN3//DRN4, OUT1//OUT2,
OUT3//OUT4.
In this way there is a total of 8 LS channels for
ON-OFF mode with Ronmax = 0.3 Ω.
There is also the possibility to connect the OUT1-
4 and OUT5-8 in order to drive in PWM mode a
load connected to VB or GND without the
necessity of a freewheeling diode. In this case the
Ronmax = 0.6 Ω.
The above configuration can be driven by parallel
input or SPI command.
Through the SPI it is possible to configure the
device parameters like configuration, Slew-rate,
Overcurrent threshold, to send the drivers
commands and to read back the diagnosis
results.

Features
 AEC-Q100 qualified
 Eight integrated PowerMOS configurable as:
– 8 low side ON-OFF with RON(max) = 0.3 Ω
@ Tj
= 175 °C
– High/low side PWM with RON(max) = 0.6 Ω
@ Tj = 175 °C and 4 Low side with
RON(max) = 0.3 Ω @ Tj
= 175 °C
 Operating battery supply voltage 5 V to 18 V
 Operating Vdd supply voltage 4.75 V to 5.25 V
 Logic inputs TTL/CMOS-compatible
 Output voltage clamping 37 V typ. in low-side
configuration
 SPI interface for outputs control and for
diagnosis data communication
 Additional PWM inputs for 8 outputs
 Over temperature protection
 Open load, short to GND, short to VB
 Overcurrent diagnostics in latched or unlatched
mode for each channel
 Controlled SR for improved EMC behavior




Similar Part No. - L9301-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9301-TR STMICROELECTRONICS-L9301-TR Datasheet
1Mb / 54P
Automotive octal low side driver or quad low side plus quad high side driver
25-Aug-2025
More results


Similar Description - L9301-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9333 STMICROELECTRONICS-L9333 Datasheet
93Kb / 13P
QUAD LOW SIDE DRIVER
Jan-2000
L9338 STMICROELECTRONICS-L9338 Datasheet
57Kb / 8P
QUAD LOW SIDE DRIVER
Mar-2000
L9339 STMICROELECTRONICS-L9339 Datasheet
65Kb / 9P
QUAD LOW SIDE DRIVER
Dec-1999
L9348 STMICROELECTRONICS-L9348 Datasheet
220Kb / 13P
QUAD LOW SIDE DRIVER
Mar-2002
L9362 STMICROELECTRONICS-L9362 Datasheet
174Kb / 17P
QUAD LOW SIDE DRIVER
May-2002
L93PI STMICROELECTRONICS-L93PI Datasheet
56Kb / 8P
QUAD LOW SIDE DRIVER
Mar-2000
logo
Motorola, Inc
MC33385 MOTOROLA-MC33385 Datasheet
369Kb / 11P
Automotive Quad Low Side Driver
logo
STMicroelectronics
L9333 STMICROELECTRONICS-L9333_01 Datasheet
260Kb / 13P
QUAD LOW SIDE DRIVER
Mar-2001
L9339 STMICROELECTRONICS-L9339_08 Datasheet
164Kb / 14P
Quad low side driver
24-Jun-2008
L9339-TR STMICROELECTRONICS-L9339-TR Datasheet
180Kb / 14P
Quad low side driver
20-Sep-2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com