Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP14N60D Datasheet (PDF) - STMicroelectronics

STGP14N60D Datasheet PDF - STMicroelectronics
Part # STGP14N60D
Download  STGP14N60D Download
File Size   425.32 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 14 A - 600 V - short circuit rugged IGBT

STGP14N60D Datasheet (PDF)

Go To PDF Page Download Datasheet
STGP14N60D Datasheet PDF - STMicroelectronics

Part # STGP14N60D
Download  STGP14N60D Click to download

File Size   425.32 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 14 A - 600 V - short circuit rugged IGBT

STGP14N60D Datasheet (HTML) - STMicroelectronics


STGP14N60D Product details

Description
This IGBT utilizes the advanced PowerMESH™ process resulting in an excellent trade-off between switching performance and low on-state behavior.

Features
■ Low on-voltage drop (VCE(sat))
■ Operating junction temperature up to 175 °C
■ Low Cres / Cies ratio (no cross conduction susceptibility)
■ Tight parameter distribution
■ Ultra fast soft recovery antiparallel diode
■ Short circuit rugged

Applications
■ Motor drives
■ High frequency inverters
■ SMPS and PFC in both hard switch and resonant topologies




Similar Part No. - STGP14N60D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP14NC60KD STMICROELECTRONICS-STGP14NC60KD Datasheet
456Kb / 14P
N-CHANNEL 14A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT RATED PowerMESH IGBT
22-Jul-2005
STGP14NC60KD STMICROELECTRONICS-STGP14NC60KD Datasheet
833Kb / 17P
N-channel 14A - 600V - TO-220 - TO-220FP - D2PAK Short circuit rated PowerMESH TM IGBT
28-Apr-2006
STGP14NC60KD STMICROELECTRONICS-STGP14NC60KD Datasheet
455Kb / 16P
14 A - 600 V - short circuit rugged IGBT
02-Apr-2008
STGP14NC60KD STMICROELECTRONICS-STGP14NC60KD Datasheet
543Kb / 16P
14 A, 600 V - short-circuit rugged IGBT
15-Mar-2010
More results


Similar Description - STGP14N60D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB30NC60K STMICROELECTRONICS-STGB30NC60K Datasheet
385Kb / 15P
30 A - 600 V - short circuit rugged IGBT
07-Mar-2008
STGB14NC60KD STMICROELECTRONICS-STGB14NC60KD_08 Datasheet
455Kb / 16P
14 A - 600 V - short circuit rugged IGBT
02-Apr-2008
STGB8NC60KD STMICROELECTRONICS-STGB8NC60KD Datasheet
562Kb / 18P
600 V - 8 A - short circuit rugged IGBT
01-Apr-2008
STGB19NC60K STMICROELECTRONICS-STGB19NC60K Datasheet
524Kb / 15P
20 A - 600 V - short circuit rugged IGBT
28-May-2008
STGB19NC60KD STMICROELECTRONICS-STGB19NC60KD Datasheet
586Kb / 17P
20 A - 600 V - short circuit rugged IGBT
28-May-2008
STGB14NC60KD STMICROELECTRONICS-STGB14NC60KD_10 Datasheet
543Kb / 16P
14 A, 600 V - short-circuit rugged IGBT
15-Mar-2010
STGW40NC60KD STMICROELECTRONICS-STGW40NC60KD Datasheet
846Kb / 13P
600 V, 40 A short-circuit rugged IGBT
12-Mar-2014
STGF14HF60KD STMICROELECTRONICS-STGF14HF60KD Datasheet
412Kb / 12P
14 A - 600 V - short-circuit rugged IGBT
17-Aug-2009
STGP10HF60KD STMICROELECTRONICS-STGP10HF60KD Datasheet
477Kb / 13P
10 A - 600 V - short-circuit rugged IGBT
23-Feb-2012
STGF10NC60KD STMICROELECTRONICS-STGF10NC60KD_V01 Datasheet
1Mb / 30P
10 A, 600 V short-circuit rugged IGBT
06-Jun-2017
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com