Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP14N60D Datasheet(PDF) 8 Page - STMicroelectronics

Part # STGP14N60D
Description  14 A - 600 V - short circuit rugged IGBT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP14N60D Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STGP14N60D Datasheet HTML 3Page - STMicroelectronics STGP14N60D Datasheet HTML 4Page - STMicroelectronics STGP14N60D Datasheet HTML 5Page - STMicroelectronics STGP14N60D Datasheet HTML 6Page - STMicroelectronics STGP14N60D Datasheet HTML 7Page - STMicroelectronics STGP14N60D Datasheet HTML 8Page - STMicroelectronics STGP14N60D Datasheet HTML 9Page - STMicroelectronics STGP14N60D Datasheet HTML 10Page - STMicroelectronics STGP14N60D Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Package mechanical data
STGF14N60D, STGP14N60D
8/11
Dim.
mm
.
x
a
M
.
p
y
T
.
n
i
M
6
.
4
4
.
4
A
7
.
2
5
.
2
B
5
7
.
2
5
.
2
D
7
.
0
5
4
.
0
E
1
5
7
.
0
F
0
7
.
1
5
1
.
1
1
F
5
.
1
5
1
.
1
2
F
2
.
5
5
9
.
4
G
7
.
2
4
.
2
1
G
4
.
0
1
0
1
H
6
1
2
L
6
.
0
3
6
.
8
2
3
L
6
.
0
1
8
.
9
4
L
6
.
3
9
.
2
5
L
4
.
6
1
9
.
5
1
6
L
3
.
9
9
7
L
2
.
3
3
a
i
D
7012510_Rev_J
A
B
H
Dia
L7
D
E
L6
L5
L2
L3
L4
F1
F2
F
G
G1
TO-220FP mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com