Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP14N60D Datasheet(PDF) 6 Page - STMicroelectronics

Part # STGP14N60D
Description  14 A - 600 V - short circuit rugged IGBT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP14N60D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STGP14N60D Datasheet HTML 2Page - STMicroelectronics STGP14N60D Datasheet HTML 3Page - STMicroelectronics STGP14N60D Datasheet HTML 4Page - STMicroelectronics STGP14N60D Datasheet HTML 5Page - STMicroelectronics STGP14N60D Datasheet HTML 6Page - STMicroelectronics STGP14N60D Datasheet HTML 7Page - STMicroelectronics STGP14N60D Datasheet HTML 8Page - STMicroelectronics STGP14N60D Datasheet HTML 9Page - STMicroelectronics STGP14N60D Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Test circuit
STGF14N60D, STGP14N60D
6/11
3
Test circuit
Figure 2.
Test circuit for inductive load
switching
Figure 3.
Gate charge test circuit
Figure 4.
Switching waveforms
Figure 5.
Diode recovery times waveform
AM01504v1
AM01505v1
AM01506v1
90%
10%
90%
10%
VG
VCE
IC
Td(on)
Ton
Tr(Ion)
Td(off)
Toff
Tf
Tr(Voff)
Tcross
90%
10%
AM01507v1
IRRM
IF
di/dt
trr
ta
tb
Qrr
IRRM
t
VF
di/dt



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com