Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39130S Datasheet (PDF) - STMicroelectronics

LD39130S Datasheet PDF - STMicroelectronics
Part # LD39130S
Download  LD39130S Download
File Size   3568.19 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Portable media players

LD39130S Datasheet (PDF)

Go To PDF Page Download Datasheet
LD39130S Datasheet PDF - STMicroelectronics

Part # LD39130S
Download  LD39130S Click to download

File Size   3568.19 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Portable media players

LD39130S Datasheet (HTML) - STMicroelectronics


LD39130S Product details

Description
The LD39130S is a high accuracy voltage regulator that provides 300 mA maximum current from an input voltage ranging from 1.4 V to 5.5 V, with a typical dropout voltage of 300 mV. It is available in DFN6 1.2x1.3 mm package and in ultra small CSP 4 bumps package, allowing the maximum space saving. The device is stabilized with a ceramic capacitor on the output. The ultra low drop voltage, low quiescent current and low noise features make it suitable for low power battery-operated applications. It integrates an internal logic circuitry, which allows the regulator to be in ultra low consumption mode (green mode), when the output current required is very low. The normal working mode, with fast transient response, is restored when the load current increases. The enable logic control function puts the LD39130S in shutdown mode allowing a total current consumption lower than 0.1 µA. The current foldback and thermal protection are provided. )OLSFKLS ')1[

Description
The LSM6DSM is a system-in-package featuring a 3D digital accelerometer and a 3D digital gyroscope performing at 0.65 mA in high-performance mode and enabling always-on low-power features for an optimal motion experience for the consumer. The LSM6DSM supports main OS requirements, offering real, virtual and batch sensors with 4 kbyte for dynamic data batching. ST’s family of MEMS sensor modules leverages the robust and mature manufacturing processes already used for the production of micromachined accelerometers and gyroscopes. The various sensing elements are manufactured using specialized micromachining processes, while the IC interfaces are developed using CMOS technology that allows the design of a dedicated circuit which is trimmed to better match the characteristics of the sensing element. The LSM6DSM has a full-scale acceleration range of ±2/±4/±8/±16 g and an angular rate range of ±125/±245/±500/±1000/±2000 dps. The LSM6DSM fully supports EIS and OIS applications as the module includes a dedicated configurable signal processing path for OIS and auxiliary dedicated lowpass filtering. High robustness to mechanical shock makes the LSM6DSM the preferred choice of system designers for the creation and manufacturing of reliable products. The LSM6DSM is available in a plastic land grid array (LGA) package. LGA-14L (2.5 x 3 x 0.83 mm) typ.

/

Features
■ Input voltage from 1.4 to 5.5 V
■ Ultra low dropout voltage (300 mV typ. at 300 mA load)
■ Automatic green mode
■ Very low quiescent current (1 µA in green mode, 45 µA in normal mode and 0.1 µA typ. in off mode)
■ Output voltage tolerance: ± 1.0% at 25 °C
■ 300 mA guaranteed output current
■ Wide range of output voltages available on request: adjustable from 0.8 V, fixed up to 4.0 V in 100 mV step
■ Logic-controlled electronic shutdown
■ Internal soft-start
■ Compatible with ceramic capacitor COUT = 330 nF
■ Internal current foldback and thermal protections
■ Available in DFN6 1.2x1.3 mm and Flip-chip 4 bumps 0.69 x 0.69 mm. 0.4 pitch
■ Operating temperature range: -40 °C to 125 °C

Applications
■ Mobile phones
■ Personal digital assistants (PDAs)
■ Digital still cameras (DSC)
■ Cordless phones and similar battery-powered systems
■ Portable media players




Similar Part No. - LD39130S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39130S STMICROELECTRONICS-LD39130S Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
More results


Similar Description - LD39130S

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3571F ROHM-BA3571F Datasheet
78Kb / 4P
Headphone driver for portable CD players
BA3890F ROHM-BA3890F Datasheet
56Kb / 4P
Pulse width controller for portable CD players
BA3990F ROHM-BA3990F Datasheet
64Kb / 4P
Ripple filter for portable CD players
logo
Sanyo Semicon Device
LB8106M SANYO-LB8106M Datasheet
215Kb / 10P
Actuator Driver for Portable CD Players
LB8108M SANYO-LB8108M Datasheet
282Kb / 12P
Actuator Driver for Portable CD Players?
LB8109M SANYO-LB8109M Datasheet
129Kb / 9P
Actuator Driver for Portable CD Players
LB8118M SANYO-LB8118M Datasheet
142Kb / 11P
Actuator Driver for Portable CD Players
logo
National Semiconductor ...
LP3910SQ-AN NSC-LP3910SQ-AN Datasheet
7Mb / 60P
Power Management IC for Hard Drive Based Portable Media Players
logo
Texas Instruments
LP3910 TI1-LP3910 Datasheet
2Mb / 72P
Power Management IC for Hard-Drive-Based Portable Media Players
LP3913 TI1-LP3913 Datasheet
3Mb / 70P
Power Management IC for Flash Memory-Based Portable Media Players
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com