Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39130S Datasheet(PDF) 9 Page - STMicroelectronics

Part # LD39130S
Description  Portable media players
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39130S Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LD39130S Datasheet HTML 5Page - STMicroelectronics LD39130S Datasheet HTML 6Page - STMicroelectronics LD39130S Datasheet HTML 7Page - STMicroelectronics LD39130S Datasheet HTML 8Page - STMicroelectronics LD39130S Datasheet HTML 9Page - STMicroelectronics LD39130S Datasheet HTML 10Page - STMicroelectronics LD39130S Datasheet HTML 11Page - STMicroelectronics LD39130S Datasheet HTML 12Page - STMicroelectronics LD39130S Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
DocID025199 Rev 2
9/27
LD39130S
Maximum ratings
TJ = 25 °C, VIN = VOUT(NOM) + 1 V, CIN = COUT = 1 µF, IOUT = 1 mA, VEN = VIN, unless
otherwise specified.
Table 6. LD39130S electrical characteristics (adjustable version)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating input voltage
1.4
5.5
V
VADJ
VADJ accuracy
(fixed normal mode)
IOUT = 5 mA, TJ = 25 °C
780
800
820
mV
IOUT = 5 mA, VGM = VIN ,-40 °C < TJ < 125 °C
770
800
830
mV
ΔVOUT
Static line regulation
(normal mode)
VOUT + 0.5 V ≤ VIN ≤ 5.5 V, IOUT = 10 mA
VIN > 1.4 V
0.02
0.20
%/V
Static line regulation
(green mode)
VOUT + 0.5V ≤ VIN ≤ 5.5 V, IOUT = 1 mA
VIN > 1.4 V
0.20
%/V
ΔVOUT Static load regulation
VOUT > 2 V, IOUT = 1 mA to 12 mA
-1.5
1.5
%
10 mA to 300 mA (normal mode)
0.004
%/mA
VDROP Dropout voltage
(1)
IOUT = 300 mA, VOUT > 2 V
-40 °C < TJ < 125 °C
300
mV
eN
Output noise voltage
10 Hz to 100 kHz, IOUT = 1 mA
97
µVRMS
10 Hz to 100 kHz, IOUT = 15 mA
41
SVR
Supply voltage
rejection VOUT = 1.5V
(normal mode)
VIN = VOUTNOM + 1 V + / - VRIPPLE
VRIPPLE = 0.1 V freq. = 1 kHz
IOUT = 30 mA
70
dB
VIN = VOUTNOM + 0.5 V + / - VRIPPLE
VRIPPLE = 0.1 V, Freq. = 10 kHz
IOUT = 30 mA
65
IQ
Quiescent current
(normal mode)
IOUT = 10 mA
45
µA
Quiescent current
(Green mode)
IOUT = 0 mA
0.8
4
µA
IStandby Standby current
VIN input current in OFF MODE:
VEN = GND
0.1
1
µA
IADJ
Adjust pin current
1µA
ISC
Short-circuit current
RL = 0 (current foldback protection)
50
mA
IOUT
Output current
300
mA
VEN
Enable input logic low
VIN = 1.4 V to 5.5 V, -40 °C < TJ < 125 °C
0.4
V
Enable input logic high
VIN = 1.4 V to 5.5 V, -40 °C < TJ < 125 °C
1
IEN
Enable pin input
current
VSHDN = VIN
100
nA
IGH
Normal mode switch
threshold
Change from light load to normal load
VGM = GND
10
mA
IGL
Green mode switch
threshold
Change from normal load to light load
VGM= GND
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com