Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39130S Datasheet(PDF) 1 Page - STMicroelectronics

Part # LD39130S
Description  Portable media players
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39130S Datasheet(HTML) 1 Page - STMicroelectronics

  LD39130S Datasheet HTML 1Page - STMicroelectronics LD39130S Datasheet HTML 2Page - STMicroelectronics LD39130S Datasheet HTML 3Page - STMicroelectronics LD39130S Datasheet HTML 4Page - STMicroelectronics LD39130S Datasheet HTML 5Page - STMicroelectronics LD39130S Datasheet HTML 6Page - STMicroelectronics LD39130S Datasheet HTML 7Page - STMicroelectronics LD39130S Datasheet HTML 8Page - STMicroelectronics LD39130S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
This is information on a product in full production.
January 2015
DocID025199 Rev 2
1/27
27
LD39130S
300 mA very low quiescent current linear regulator IC with the
automatic green mode
Datasheet
- production data
Features
• Input voltage from 1.4 to 5.5 V
• Ultra low dropout voltage (300 mV typ. at
300 mA load)
• Automatic green mode
• Very low quiescent current (1 µA in green
mode, 45 µA in normal mode and 0.1 µA typ. in
off mode)
• Output voltage tolerance: ± 1.0% at 25 °C
• 300 mA guaranteed output current
• Wide range of output voltages available on
request: adjustable from 0.8 V, fixed up to
4.0 V in 100 mV step
• Logic-controlled electronic shutdown
• Internal soft-start
• Compatible with ceramic capacitor
COUT =330 nF
• Internal current foldback and thermal
protections
• Available in DFN6 1.2x1.3 mm and Flip-chip 4
bumps 0.69 x 0.69 mm. 0.4 pitch
• Operating temperature range: -40 °C to 125 °C
Applications
• Mobile phones
• Personal digital assistants (PDAs)
• Digital still cameras (DSC)
• Cordless phones and similar battery-powered
systems
• Portable media players
Description
The LD39130S is a high accuracy voltage
regulator that provides 300 mA maximum current
from an input voltage ranging from 1.4 V to 5.5 V,
with a typical dropout voltage of 300 mV.
It is available in DFN6 1.2x1.3 mm package and
in ultra small CSP 4 bumps package, allowing the
maximum space saving.
The device is stabilized with a ceramic capacitor
on the output. The ultra low drop voltage, low
quiescent current and low noise features make it
suitable for low power battery-operated
applications. It integrates an internal logic
circuitry, which allows the regulator to be in ultra
low consumption mode (green mode), when the
output current required is very low. The normal
working mode, with fast transient response, is
restored when the load current increases.
The enable logic control function puts the
LD39130S in shutdown mode allowing a total
current consumption lower than 0.1 µA. The
current foldback and thermal protection are
provided.
www.st.com


Similar Part No. - LD39130S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39130S STMICROELECTRONICS-LD39130S Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
More results

Similar Description - LD39130S

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3571F ROHM-BA3571F Datasheet
78Kb / 4P
Headphone driver for portable CD players
BA3890F ROHM-BA3890F Datasheet
56Kb / 4P
Pulse width controller for portable CD players
BA3990F ROHM-BA3990F Datasheet
64Kb / 4P
Ripple filter for portable CD players
logo
Sanyo Semicon Device
LB8106M SANYO-LB8106M Datasheet
215Kb / 10P
Actuator Driver for Portable CD Players
LB8108M SANYO-LB8108M Datasheet
282Kb / 12P
Actuator Driver for Portable CD Players?
LB8109M SANYO-LB8109M Datasheet
129Kb / 9P
Actuator Driver for Portable CD Players
LB8118M SANYO-LB8118M Datasheet
142Kb / 11P
Actuator Driver for Portable CD Players
logo
National Semiconductor ...
LP3910SQ-AN NSC-LP3910SQ-AN Datasheet
7Mb / 60P
Power Management IC for Hard Drive Based Portable Media Players
logo
Texas Instruments
LP3910 TI1-LP3910 Datasheet
2Mb / 72P
Power Management IC for Hard-Drive-Based Portable Media Players
LP3913 TI1-LP3913 Datasheet
3Mb / 70P
Power Management IC for Flash Memory-Based Portable Media Players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com