Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39130S Datasheet(PDF) 14 Page - STMicroelectronics

Part # LD39130S
Description  Portable media players
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39130S Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LD39130S Datasheet HTML 10Page - STMicroelectronics LD39130S Datasheet HTML 11Page - STMicroelectronics LD39130S Datasheet HTML 12Page - STMicroelectronics LD39130S Datasheet HTML 13Page - STMicroelectronics LD39130S Datasheet HTML 14Page - STMicroelectronics LD39130S Datasheet HTML 15Page - STMicroelectronics LD39130S Datasheet HTML 16Page - STMicroelectronics LD39130S Datasheet HTML 17Page - STMicroelectronics LD39130S Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Typical characteristics
LD39130S
14/27
DocID025199 Rev 2
Figure 15. Quiescent current vs. temperature
(IOUT = 10 mA, normal mode)
Figure 16. Quiescent current vs. temperature
(IOUT = 300 mA, normal mode)
Figure 17. Quiescent current vs. temperature
(no load, auto green mode)
Figure 18. Shutdown current vs. temperature
Figure 19. Quiescent current vs. input voltage
(auto green mode)
Figure 20. Quiescent current vs. input voltage
(normal mode)
AM13827V1
I
OUT = 0 mA
0
0.5
1
1.5
2
2.5
3
0123456
Input Voltage [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com