Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39130S Datasheet(PDF) 18 Page - STMicroelectronics

Part # LD39130S
Description  Portable media players
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39130S Datasheet(HTML) 18 Page - STMicroelectronics

Back Button LD39130S Datasheet HTML 14Page - STMicroelectronics LD39130S Datasheet HTML 15Page - STMicroelectronics LD39130S Datasheet HTML 16Page - STMicroelectronics LD39130S Datasheet HTML 17Page - STMicroelectronics LD39130S Datasheet HTML 18Page - STMicroelectronics LD39130S Datasheet HTML 19Page - STMicroelectronics LD39130S Datasheet HTML 20Page - STMicroelectronics LD39130S Datasheet HTML 21Page - STMicroelectronics LD39130S Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Typical characteristics
LD39130S
18/27
DocID025199 Rev 2
Figure 39. Turn-on time
Figure 40. Turn-off time
AM13844V1
VIN = VEN = 0 V to 5.5 V, IOUT = 300 mA, VOUT = 0.8 V, Tr = 5 µs
VOUT
VEN, VIN
IOUT
AM13845V1
VIN = VEN = 5.5 V to 0 V , IOUT = 300 mA, VOUT = 0.8 V, Tr = 5 µs
VOUT
VEN, VIN
IOUT
Figure 41. Line transient (auto green mode)
Figure 42. Line transient (normal mode)
AM13846V1
VIN = VEN = 1.8 V to 2.3 V , IOUT = 1 mA, VOUT = 0.8 V, Tr = Tf 5 µs (green mod
VOUT
VEN, VIN
AM13847V1
VIN = VEN = 1.8 V to 2.3 V , IOUT = 12 mA, VOUT = 0.8 V, Tf = Tr 5 µs (normal mod
VOUT
VEN, VIN
Figure 43. Load transient (IOUT = 1 to 30 mA,
auto green mode)
Figure 44. Load transient (IOUT = 0 to 300 mA,
auto green mode)
AM13848V1
IOUT = from 1 to 30 mA, VOUT = 0.8 V, Tr = Tf = 0.5 µs (auto green mode)
VOUT
IOUT
AM13849V1
IOUT = from 0 to 300 mA, VOUT = 0.8 V, Tr = Tf = 0.5 µs (auto green mode)
VOUT
IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com