Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39130S Datasheet(PDF) 17 Page - STMicroelectronics

Part # LD39130S
Description  Portable media players
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39130S Datasheet(HTML) 17 Page - STMicroelectronics

Back Button LD39130S Datasheet HTML 13Page - STMicroelectronics LD39130S Datasheet HTML 14Page - STMicroelectronics LD39130S Datasheet HTML 15Page - STMicroelectronics LD39130S Datasheet HTML 16Page - STMicroelectronics LD39130S Datasheet HTML 17Page - STMicroelectronics LD39130S Datasheet HTML 18Page - STMicroelectronics LD39130S Datasheet HTML 19Page - STMicroelectronics LD39130S Datasheet HTML 20Page - STMicroelectronics LD39130S Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
DocID025199 Rev 2
17/27
LD39130S
Typical characteristics
Figure 33. Startup by enable (IOUT = 0 mA,
auto green mode)
Figure 34. Turn-off by enable (IOUT = 0 mA,
auto green mode)
AM13838V1
VIN =1.5 V, VEN = 0 V to VIN, IOUT = 0 mA, VOUT = 0.8 V, Tr = 1 µs (auto green mode)
VOUT
VEN
AM13839V1
VIN =1.5 V, VEN = VIN to 0 V, IOUT = 0 mA, VOUT = 0.8 V, Tf = 1 µs (auto green mode)
VOUT
VEN
Figure 35. Startup by enable (IOUT = 300 mA,
auto green mode)
Figure 36. Turn-off by enable (IOUT = 300 mA,
auto green mode)
AM13840V1
VIN =1.5 V, VEN = 0V to VIN, IOUT = 300 mA, VOUT = 0.8 V, Tr = 1 µs (auto green mode)
VOUT
VEN
IOUT
AM13841V1
VIN =1.5 V, VEN = VIN to 0 V, IOUT = 300 mA, VOUT = 0.8 V, Tf = 1 µs (auto green mode)
VOUT
VEN
IOUT
Figure 37. Startup by enable (IOUT = 300 mA,
normal mode)
Figure 38. Turn-off by enable (IOUT = 300 mA,
normal mode)
AM13842V1
V
IN
=1.5 V, V
EN
= 0 V to V
IN
, V
GM
= V
IN
, I
OUT
= 300 mA, V
OUT
= 0.8 V, T
r
= 1 µs (fixed normal mode)
VOUT
VEN
IOUT
AM13843V1
V
IN
=1.5 V, V
EN
= V
IN
to 0 V, V
GM
= V
IN
, I
OUT
= 300 mA, V
OUT
= 0.8 V, T
f
= 1 µs (fixed normal mode)
VOUT
VEN
IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com