Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39130S Datasheet(PDF) 15 Page - STMicroelectronics

Part # LD39130S
Description  Portable media players
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39130S Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LD39130S Datasheet HTML 11Page - STMicroelectronics LD39130S Datasheet HTML 12Page - STMicroelectronics LD39130S Datasheet HTML 13Page - STMicroelectronics LD39130S Datasheet HTML 14Page - STMicroelectronics LD39130S Datasheet HTML 15Page - STMicroelectronics LD39130S Datasheet HTML 16Page - STMicroelectronics LD39130S Datasheet HTML 17Page - STMicroelectronics LD39130S Datasheet HTML 18Page - STMicroelectronics LD39130S Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
DocID025199 Rev 2
15/27
LD39130S
Typical characteristics
Figure 21. Quiescent current vs. output current
(auto green mode)
Figure 22. Quiescent current vs. load current
(normal mode)
AM13828V1
0
10
20
30
40
50
60
70
80
90
1
10
100
Load current [mA]
V
IN=1.4V
V
IN=1.8V
V
IN=3.0V
V
IN=5.5V
Figure 23. Quiescent current vs. load current
(light load)
Figure 24. Short-circuit current vs. output
voltage
AM13829V1
0
100
200
300
400
500
600
0
100
200
300
400
500
600
700
800
Output Voltage [mV]
Figure 25. Foldback current vs. temperature
Figure 26. Dropout voltage vs. temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com