Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LK115 Datasheet (PDF) - STMicroelectronics

LK115 Datasheet PDF - STMicroelectronics
Part # LK115
Download  LK115 Download
File Size   224.48 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Internal current and thermal limit

LK115 Datasheet (PDF)

Go To PDF Page Download Datasheet
LK115 Datasheet PDF - STMicroelectronics

Part # LK115
Download  LK115 Click to download

File Size   224.48 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Internal current and thermal limit

LK115 Datasheet (HTML) - STMicroelectronics


LK115 Product details

Description
The LK115 is a series of very low drop voltage regulators, available in SO-8 package.
The very low drop voltage (0.2 V) and very low quiescent current (0.01 µA in OFF mode, 280 µA in ON mode) make it particularly suitable for low noise, low power applications and especially in battery-powered systems.
Both active high and active low shutdown logic control are available (pin 2 and 3). This means that when the device is used as a local regulator, it is possible to put a part of the board in standby, decreasing the total power consumption.
It only requires a 2.2 µF capacitor for stability saving space and costs.

Features
• Very low-dropout voltage (0.2 V typ.)
• Very low quiescent current (typ. 0.01 µA in OFF mode, 280 µA in ON mode)
• Output current up to 100 mA
• Two logic-controlled electronic shutdowns
• Output voltages of 3.0; 3.3; 5.0 V
• Internal current and thermal limit
• A 2.2 µF capacitor for stability
• VOUT tolerance ± 3% at 25 °C
• Supply voltage rejection: 80 dB (typ.)
• Temperature range: -40 °C to 125 °C




Similar Part No. - LK115

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LK115D00 STMICROELECTRONICS-LK115D00 Datasheet
81Kb / 10P
VERY LOW DROP WITH INHIBIT VOLTAGE REGULATORS
Sep-1998
LK115D20 STMICROELECTRONICS-LK115D20 Datasheet
81Kb / 10P
VERY LOW DROP WITH INHIBIT VOLTAGE REGULATORS
Sep-1998
LK115D25 STMICROELECTRONICS-LK115D25 Datasheet
81Kb / 10P
VERY LOW DROP WITH INHIBIT VOLTAGE REGULATORS
Sep-1998
LK115D30 STMICROELECTRONICS-LK115D30 Datasheet
81Kb / 10P
VERY LOW DROP WITH INHIBIT VOLTAGE REGULATORS
Sep-1998
LK115D30-TR STMICROELECTRONICS-LK115D30-TR Datasheet
592Kb / 14P
Very low drop with inhibit voltage regulators
07-Jul-2008
More results


Similar Description - LK115

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-213-EU VICOR-VI-213-EU Datasheet
203Kb / 5P
Remote sense and current limit
VI-J00-CY VICOR-VI-J00-CY Datasheet
189Kb / 5P
Remote sense and current limit
VI-211-CY VICOR-VI-211-CY Datasheet
311Kb / 6P
Remote sense and current limit
logo
Analog Devices
ADM869L AD-ADM869L_15 Datasheet
211Kb / 8P
2 A, High-Side P-Channel Switch with Current Limit and Thermal Shutdown
REV. B
logo
SynQor Worldwide Headqu...
MPFC-115-270-QP SYNQOR-MPFC-115-270-QP Datasheet
6Mb / 16P
Internal inrush current limit
PFCU390QPX04 SYNQOR-PFCU390QPX04 Datasheet
2Mb / 16P
Internal inrush current limit
logo
IXYS Corporation
CPC1540 IXYS-CPC1540 Datasheet
118Kb / 6P
Single-Pole, Normally Open OptoMOS Relay with Integrated Current Limit and Thermal Shutdown
logo
Maxim Integrated Produc...
MAX20446CEVKIT MAXIM-MAX20446CEVKIT Datasheet
672Kb / 13P
Demonstrates Cycle-by-Cycle Current Limit and Thermal-Shutdown Features
Rev 0; 2/21
MAX20446BEVKIT MAXIM-MAX20446BEVKIT Datasheet
1Mb / 14P
Demonstrates Cycle-by-Cycle Current Limit and Thermal-Shutdown Features
Rev 0; 1/21
logo
AiT Semiconductor Inc.
A1117A AITSEMI-A1117A Datasheet
426Kb / 12P
BIPOLAR LDO REGULATOR 1A CURRENT LIMIT AND THERMAL PROTECTION
REV3.2
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com