Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LK115 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LK115
Description  Internal current and thermal limit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LK115 Datasheet(HTML) 1 Page - STMicroelectronics

  LK115 Datasheet HTML 1Page - STMicroelectronics LK115 Datasheet HTML 2Page - STMicroelectronics LK115 Datasheet HTML 3Page - STMicroelectronics LK115 Datasheet HTML 4Page - STMicroelectronics LK115 Datasheet HTML 5Page - STMicroelectronics LK115 Datasheet HTML 6Page - STMicroelectronics LK115 Datasheet HTML 7Page - STMicroelectronics LK115 Datasheet HTML 8Page - STMicroelectronics LK115 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
This is information on a product in full production.
January 2014
DocID2575 Rev 5
1/14
LK115
Very low drop voltage regulators with inhibit
Datasheet
- production data
Features
• Very low-dropout voltage (0.2 V typ.)
• Very low quiescent current (typ. 0.01 µA in OFF
mode, 280 µA in ON mode)
• Output current up to 100 mA
• Two logic-controlled electronic shutdowns
• Output voltages of 3.0; 3.3; 5.0 V
• Internal current and thermal limit
• A 2.2 µF capacitor for stability
• VOUT tolerance ± 3% at 25 °C
• Supply voltage rejection: 80 dB (typ.)
• Temperature range: -40 °C to 125 °C
Description
The LK115 is a series of very low drop voltage
regulators, available in SO-8 package.
The very low drop voltage (0.2 V) and very low
quiescent current (0.01 µA in OFF mode, 280 µA
in ON mode) make it particularly suitable for low
noise, low power applications and especially in
battery-powered systems.
Both active high and active low shutdown logic
control are available (pin 2 and 3). This means
that when the device is used as a local regulator,
it is possible to put a part of the board in standby,
decreasing the total power consumption.
It only requires a 2.2 µF capacitor for stability
saving space and costs.
SO-8
Table 1. Device summary
Order codes
Output voltages
LK115D33-TR
3.3 V
LK115D50-TR
5 V
www.st.com


Similar Part No. - LK115

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LK115D00 STMICROELECTRONICS-LK115D00 Datasheet
81Kb / 10P
VERY LOW DROP WITH INHIBIT VOLTAGE REGULATORS
Sep-1998
LK115D20 STMICROELECTRONICS-LK115D20 Datasheet
81Kb / 10P
VERY LOW DROP WITH INHIBIT VOLTAGE REGULATORS
Sep-1998
LK115D25 STMICROELECTRONICS-LK115D25 Datasheet
81Kb / 10P
VERY LOW DROP WITH INHIBIT VOLTAGE REGULATORS
Sep-1998
LK115D30 STMICROELECTRONICS-LK115D30 Datasheet
81Kb / 10P
VERY LOW DROP WITH INHIBIT VOLTAGE REGULATORS
Sep-1998
LK115D30-TR STMICROELECTRONICS-LK115D30-TR Datasheet
592Kb / 14P
Very low drop with inhibit voltage regulators
07-Jul-2008
More results

Similar Description - LK115

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-213-EU VICOR-VI-213-EU Datasheet
203Kb / 5P
Remote sense and current limit
VI-J00-CY VICOR-VI-J00-CY Datasheet
189Kb / 5P
Remote sense and current limit
VI-211-CY VICOR-VI-211-CY Datasheet
311Kb / 6P
Remote sense and current limit
logo
Analog Devices
ADM869L AD-ADM869L_15 Datasheet
211Kb / 8P
2 A, High-Side P-Channel Switch with Current Limit and Thermal Shutdown
REV. B
logo
SynQor Worldwide Headqu...
MPFC-115-270-QP SYNQOR-MPFC-115-270-QP Datasheet
6Mb / 16P
Internal inrush current limit
PFCU390QPX04 SYNQOR-PFCU390QPX04 Datasheet
2Mb / 16P
Internal inrush current limit
logo
IXYS Corporation
CPC1540 IXYS-CPC1540 Datasheet
118Kb / 6P
Single-Pole, Normally Open OptoMOS Relay with Integrated Current Limit and Thermal Shutdown
logo
Maxim Integrated Produc...
MAX20446CEVKIT MAXIM-MAX20446CEVKIT Datasheet
672Kb / 13P
Demonstrates Cycle-by-Cycle Current Limit and Thermal-Shutdown Features
Rev 0; 2/21
MAX20446BEVKIT MAXIM-MAX20446BEVKIT Datasheet
1Mb / 14P
Demonstrates Cycle-by-Cycle Current Limit and Thermal-Shutdown Features
Rev 0; 1/21
logo
AiT Semiconductor Inc.
A1117A AITSEMI-A1117A Datasheet
426Kb / 12P
BIPOLAR LDO REGULATOR 1A CURRENT LIMIT AND THERMAL PROTECTION
REV3.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com