Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LK115 Datasheet(PDF) 8 Page - STMicroelectronics

Part # LK115
Description  Internal current and thermal limit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LK115 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LK115 Datasheet HTML 4Page - STMicroelectronics LK115 Datasheet HTML 5Page - STMicroelectronics LK115 Datasheet HTML 6Page - STMicroelectronics LK115 Datasheet HTML 7Page - STMicroelectronics LK115 Datasheet HTML 8Page - STMicroelectronics LK115 Datasheet HTML 9Page - STMicroelectronics LK115 Datasheet HTML 10Page - STMicroelectronics LK115 Datasheet HTML 11Page - STMicroelectronics LK115 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Electrical characteristics
LK115
8/14
DocID2575 Rev 5
(Refer to test circuits, TJ = 25 °C, CI = 0.1 µF, CO = 2.2 µF unless otherwise specified)
Table 5. LK115D50 electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
IO = 10 mA, VI = 7 V
4.85
5
5.15
V
IO = 10 mA, VI = 7 V, Ta= -40 to 125 °C
4.75
5.25
VI
Operating input voltage
IO = 100 mA
20
V
Iout
Output current limit
120
200
mA
ΔVO
Line regulation
VI = 6 to 20 V, IO = 0.5 mA
3
15
mV
ΔVO
Load regulation
VI = 6 V, IO = 0.5 to 100 mA
4
20
mV
Id
Quiescent current
(ON mode)
VI = 6 to 20 V, IO = 0
0.28
0.5
mA
VI = 6 to 20 V, IO = 100 mA
1.5
3
(OFF mode)
VI = 6 to 20 V
0.01
2
µA
SVR
Supply voltage rejection
IO = 5 mA
VI = 7 V ± 1 V
f = 120 Hz
75
dB
f = 1 kHz
70
f = 10 kHz
55
eN
Output noise voltage
(RMS)
B = 10 Hz to 100 kHz
110
µV
Vd
Dropout voltage
IO = 60 mA
0.17
V
VHIc
ON/OFF control (pin 2)
Pin 3 to GND, OFF
0
0.5
V
Pin 3 to GND, ON
2.4
Vin
VLIc
ON/OFF control (pin 3)
Pin 2 to Vin, OFF
Vin-0.2
Vin
V
Pin 2 to Vin, ON
0
Vin-2.4
CO
Output bypass
capacitance
ESR = 0.5 to 10
Ω, IO = 0 to 100 mA
2
10
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com