Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6686 Datasheet (PDF) - STMicroelectronics

PM6686 Datasheet PDF - STMicroelectronics
Part # PM6686
Download  PM6686 Download
File Size   1065.68 Kbytes
Page   50 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Constant ON-time control

PM6686 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM6686 Datasheet PDF - STMicroelectronics

Part # PM6686
Download  PM6686 Click to download

File Size   1065.68 Kbytes
Page   50 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Constant ON-time control

PM6686 Datasheet (HTML) - STMicroelectronics


PM6686 Product details

Description
PM6686 is a dual step-down controller specifically designed to provide extremely high efficiency conversion, with lossless current sensing technique. The constant on-time architecture assures fast load transient response and the embedded voltage feed-forward provides nearly constant switching frequency operation. Pulse skipping technique increases efficiency at very light load. Moreover a minimum switching frequency of 33 kHz is selectable to avoid audio noise issues. The PM6686 provides a selectable switching frequency, allowing three different values of switching frequencies for the two switching sections. The output voltages OUT1 and OUT2 can be programmed to regulate 1.5 V/5 V and 1.05 V/3.3 V outputs respectively or can deliver two adjustable output voltages. An optional external charge pump can be monitored. This device embeds a linear regulator that can provide 3.3 V/5 V or an adjustable voltage from 0.7 V to 4.5 V output. The linear regulator provides up to 100 mA output current. LDO can be bypassed with the switching regulator outputs or with an external power supply (switchover function). When in switchover, the LDO output can source up to 200 mA. VFQFPN-32 5 x 5 mm

Features
■ 5.5 V to 28 V input voltage range
■ Dual fixed OUT1 = 1.5 V/5 V and OUT2 = 1.05 V / 3.3 V outputs or adjustable OUT1 = 0.7 V to 5.5 V and OUT2 = 0.7 V to 2.5 V outputs, ± 1.5% accuracy over valley regulation
■ Low-side MOSFETs' RDS(on) current sensing and programmable current limit
■ Constant ON-time control
■ Frequency selectable
■ Soft-start internally fixed at 2 ms and soft-stop
■ Selectable pulse skipping at light loads
■ Selectable minimum frequency (33 kHz) in pulse skip mode
■ Independent Power Good and EN signals
■ Latched OVP and UVP
■ Charge pump feedback
■ Fixed 3.3 V/5.0 V, or adjustable output 0.7 V to 4.5 V, ± 1.5% (LDO): 200 mA
■ 3.3 V reference voltage ± 2.0%: 5 mA
■ 2.0 V reference voltage ± 1.0%: 50 µA

Applications
■ Notebook computers
■ Main (3.3 V/5 V), chipset (1.5 V/1.05 V), DDR1/2/3, graphic cards power supply
■ PDAs, mobile devices, tablet PC or slates
■ 3-4 cells Li+ battery powered devices




Similar Part No. - PM6686

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM6686TR STMICROELECTRONICS-PM6686TR Datasheet
1Mb / 50P
Dual step-down controller with adjustable voltages, adjustable LDO and auxiliary charge pump controller for notebook
23-Jul-2009
More results


Similar Description - PM6686

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2696 NSC-LM2696 Datasheet
833Kb / 19P
3A, Constant On Time Buck Regulator
logo
Micrel Semiconductor
MIC2164 MICREL-MIC2164 Datasheet
918Kb / 36P
Constant Frequency, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2164 MICREL-MIC2164_10 Datasheet
1Mb / 39P
Synchronous Buck Controllers Featuring Adaptive On-Time Control 28V Input, Constant Frequency
logo
Shindengen Electric Mfg...
MTD1120 SHINDENGEN-MTD1120_10 Datasheet
182Kb / 2P
Constant Current Control Function (Fixed OFF Time
logo
Sanken electric
LC5565LD SANKEN-LC5565LD Datasheet
297Kb / 10P
Integrated on-time control circuit
logo
Unisonic Technologies
L8532G-S08-R UTC-L8532G-S08-R Datasheet
227Kb / 8P
Constant On Time PWM Control
logo
STMicroelectronics
PM6675 STMICROELECTRONICS-PM6675 Datasheet
656Kb / 47P
Very fast load transient response using constant on-time control loop
31-Jan-2007
logo
Shindengen Electric Mfg...
MTD1361 SHINDENGEN-MTD1361_17 Datasheet
199Kb / 4P
Constant Current Control Function (Fixed OFF Time)
MTD1120 SHINDENGEN-MTD1120_17 Datasheet
196Kb / 4P
Constant Current Control Function (Fixed OFF Time)
MTD1361F SHINDENGEN-MTD1361F_17 Datasheet
205Kb / 4P
Constant Current Control Function (Fixed OFF Time)
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com