Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6686 Datasheet(PDF) 9 Page - STMicroelectronics

Part # PM6686
Description  Constant ON-time control
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6686 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PM6686 Datasheet HTML 5Page - STMicroelectronics PM6686 Datasheet HTML 6Page - STMicroelectronics PM6686 Datasheet HTML 7Page - STMicroelectronics PM6686 Datasheet HTML 8Page - STMicroelectronics PM6686 Datasheet HTML 9Page - STMicroelectronics PM6686 Datasheet HTML 10Page - STMicroelectronics PM6686 Datasheet HTML 11Page - STMicroelectronics PM6686 Datasheet HTML 12Page - STMicroelectronics PM6686 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
PM6686
Pin settings
Doc ID 15281 Rev 4
9/50
20
CP_FB
The CP_FB is used to monitor the optional external 14 V charge pump.
Connect a resistive voltage-divider from 14 V charge pump output to GND. If
CP_FB drops below the threshold voltage, the device performs a no audible
skip cycle. This charges the charge pump output (driven by LGATE1). Leave
CP_FB floating if the charge pump feedback is not needed.
21
GND
Signal ground reference for internal logic circuitry and LDO. It must be
connected to the signal ground plan of the power supply and to the exposed
pad. The signal ground plan and the power ground plan must be connected
together in one point near the PGND pin.
22
PGND
Power ground. This pin must be connected to the power ground plan of the
power supply.
23
LGATE2
Low-side gate driver output for the section 2.
24
BOOT2
Bootstrap capacitor connection for the switching section 2. It supplies the
high-side gate driver.
25
PHASE2
Switch node connection and return path for the high-side driver for the
section 2. It is also used as positive and negative current sense input.
26
HGATE2
High-side gate driver output for section 2.
27
EN2
Enable input for the switching section 2.
– If EN2 < 0.8 V the switching section OUT2 is turned off and all faults are
cleared.
– If EN2 > 2.4 V the switching section OUT2 is turned on.
If EN2 is connected to VREF2, the switching section OUT2 turns on after
the switching section OUT1 reaches regulation.
28
PG2
Power Good output signal for the section 2. This pin is an open drain output
and It is pulled down when the output of the switching section 2 is out of
+ 14% / - 10% of its nominal value.
29
SKIP
Pulse skipping mode control input.
– If the pin is connected to VCC the PWM mode is enabled.
– If the pin is connected to GND, the pulse skip mode is enabled.
– If the pin is connected to VREF2 (or floating) the pulse skip mode is
enabled but and the switching frequency is kept higher than 33 kHz (No-
audible pulse skip mode).
30
OUT2
Output voltage sense for the switching section 2.This pin must be directly
connected to the output voltage of the switching section. It provides also the
feedback for the switching section 2 when REFIN2 is tied to VREF3/VCC.
31
ILIM2
Positive current sense input for the switching section 2. It is possible to set a
threshold voltage that is compared with 1/10th of the GND-PHASE2 drop
during the off time.
32
REFIN2
Feedback input for the switching section 2:
– If this pin is connected to VCC, OUT2 operates at 3.3 V
– If this pin is connected to VREF3, OUT2 operates at 1.05 V
– If this pin is connected to an external reference from 0.7 V to 2.5 V, OUT2
works in tracking with this reference. Bypass REFIN2 to GND with a 100
nF capacitor.
Table 2.
Pin descriptions (continued)
Pin
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com