Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6686 Datasheet(PDF) 11 Page - STMicroelectronics

Part # PM6686
Description  Constant ON-time control
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6686 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PM6686 Datasheet HTML 7Page - STMicroelectronics PM6686 Datasheet HTML 8Page - STMicroelectronics PM6686 Datasheet HTML 9Page - STMicroelectronics PM6686 Datasheet HTML 10Page - STMicroelectronics PM6686 Datasheet HTML 11Page - STMicroelectronics PM6686 Datasheet HTML 12Page - STMicroelectronics PM6686 Datasheet HTML 13Page - STMicroelectronics PM6686 Datasheet HTML 14Page - STMicroelectronics PM6686 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
PM6686
Recommended operating conditions
Doc ID 15281 Rev 4
11/50
4
Recommended operating conditions
Table 5.
Recommended operating conditions
Symbol
Parameter
Value
Unit
Min
Typ
Max
VIN
Input voltage range, LDO = 5 V in regulation
5.5
-
28
V
VCC
VCC operative voltage range
4.5
-
5.5
V
REFIN2
REFIN2 voltage range with OUT2 in
adjustable mode, VIN = 5.5 V to 28 V
0.7
-
2.5
V
OUT1
OUT1 output voltage range
0.70
-
5.50
V
ILIM
ILIM voltage range
0.2
-
2
V
LDOREFIN
LDOREFIN setting with LDO = 2 x LDOREFIN
(adjustable mode)
0.35
-
2.25
V
LDO DC output current
(switchover function
enabled)
VIN = 5.5 V to 28 V, LDO_SW = 5 V,
LDOREFIN = GND
-
200
mA
VIN = 5.5 V to 28 V, LDO_SW = 3.3 V,
LDOREFIN = VCC
-
100
mA
LDO DC output current
(switchover function
disabled)
VIN = 5.5 V to 28 V, LDO_SW = 0 V,
LDOREFIN = GND, VCC
-
100
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com