Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6686 Datasheet(PDF) 34 Page - STMicroelectronics

Part # PM6686
Description  Constant ON-time control
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6686 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button PM6686 Datasheet HTML 30Page - STMicroelectronics PM6686 Datasheet HTML 31Page - STMicroelectronics PM6686 Datasheet HTML 32Page - STMicroelectronics PM6686 Datasheet HTML 33Page - STMicroelectronics PM6686 Datasheet HTML 34Page - STMicroelectronics PM6686 Datasheet HTML 35Page - STMicroelectronics PM6686 Datasheet HTML 36Page - STMicroelectronics PM6686 Datasheet HTML 37Page - STMicroelectronics PM6686 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
Monitoring and protections
PM6686
34/50
Doc ID 15281 Rev 4
9
Monitoring and protections
The PM6686 controls its switching output to prevent any damage or uncontrolled working
condition.
The device offers also PGOOD signals to monitor the state of each switching output voltage.
PGOOD is an open drain output: it is pulled low if the output voltage is below the 90% or
above the OVP threshold. of the nominal value.
9.1
Overvoltage protection
PM6686 provides a latched overvoltage protection (OVP). If the output voltage rises above
the +111% typ. for section 1 and above the +116% typ. for the section 2, a latched OVP
protection is activated. The controller tries to pull down the output voltage down to 0 V,
working in PWM. The current is limited by the negative current limit. The low-side MOSFET
is kept on when the output voltage is about 0 V. This management avoids high negative
undervoltage of the output rail that may damage the load.
The protection is latched and this fault is cleared toggling cleared by toggling EN or by
driving PVCC<3.979V and then PVCC>4.025V (PVCC Power On Reset).
9.2
Undervoltage protection
If during regulation the output voltage droops under the 70% of the nominal value, an
undervoltage latched fault is detected. The controller performs a soft-end procedure (see
“soft-start and soft-end” paragraph). The undervoltage fault is cleared by toggling EN or by
driving PVCC<3.979V and then PVCC>4.025V (PVCC power on reset).
9.3
PVCC monitor
The device monitors the driver supply voltage at PVCC pin. The switching sections can start
operating only if the voltage at PVCC pin is above 4,025 V typ. If PVCC falls below 3,979 V
typ., both the switching sections are turned off until the PVCC voltage goes over 4,025 V typ.
Table 11.
Faults management summary
Fault
Condition
Device reaction
Overvoltage
section1
VOUT>+111%
Negative current limit protection activated. Low-side MOSFET is turned on when
the output voltage is about 0 V. Latched fault, cleared by toggling EN or by driving
PVCC<3.979V and then PVCC>4.025V (PVCC POR).
Overvoltage
section 2
VOUT>+116%
Negative current limit protection activated. Low-side MOSFET is turned on when
the output voltage is about 0 V. Latched fault, cleared by toggling EN or by driving
PVCC<3.979V and then PVCC>4.025V (PVCC POR).
Undervoltage
VOUT<70%
The controller performs a soft-end. Latched fault cleared by toggling EN or by
driving PVCC<3.979V and then PVCC>4.025V (PVCC POR).
PVCC
undervoltage
PVCC<3,979 V
The controller turns off the switching sections. All faults of switching sections are
cleared. Not latched fault



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com