Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6686 Datasheet(PDF) 16 Page - STMicroelectronics

Part # PM6686
Description  Constant ON-time control
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6686 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button PM6686 Datasheet HTML 12Page - STMicroelectronics PM6686 Datasheet HTML 13Page - STMicroelectronics PM6686 Datasheet HTML 14Page - STMicroelectronics PM6686 Datasheet HTML 15Page - STMicroelectronics PM6686 Datasheet HTML 16Page - STMicroelectronics PM6686 Datasheet HTML 17Page - STMicroelectronics PM6686 Datasheet HTML 18Page - STMicroelectronics PM6686 Datasheet HTML 19Page - STMicroelectronics PM6686 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
Typical operating characteristics
PM6686
16/50
Doc ID 15281 Rev 4
Figure 7.
Load regulation
OUT1 = 5 V, TON = VCC
Figure 8.
Load regulation
OUT2 = 3.3 V, TON = VCC
Figure 9.
Load regulation
OUT1 = 1.5 V, TON = VCC
Figure 10.
Load regulation
OUT2 = 1.05 V, TON = VCC
Figure 11.
Switching frequency vs load
OUT1 = 5 V, TON = VCC
Figure 12.
Switching frequency vs load
OUT2 = 3.3 V, TON = VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com