Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6686 Datasheet(PDF) 14 Page - STMicroelectronics

Part # PM6686
Description  Constant ON-time control
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6686 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button PM6686 Datasheet HTML 10Page - STMicroelectronics PM6686 Datasheet HTML 11Page - STMicroelectronics PM6686 Datasheet HTML 12Page - STMicroelectronics PM6686 Datasheet HTML 13Page - STMicroelectronics PM6686 Datasheet HTML 14Page - STMicroelectronics PM6686 Datasheet HTML 15Page - STMicroelectronics PM6686 Datasheet HTML 16Page - STMicroelectronics PM6686 Datasheet HTML 17Page - STMicroelectronics PM6686 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
Electrical characteristics
PM6686
14/50
Doc ID 15281 Rev 4
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Output undervoltage
shutdown threshold
Referred to FB1, REFIN2 nominal
regulation point
67
70
73
%
Inputs and outputs
FB1
FB1 logic level
fixed OUT1 = 5 V
0.528
V
fixed OUT1 = 1.5 V
4.1
V
REFIN2
REFIN2 logic level
fixed OUT2 = 1.05 V, VCC = 5 V
VREF3
V
fixed OUT 2= 3.3 V, VCC = 5 V
VCC-
0.838
V
LDOREFIN LDOREFIN logic level
fixed LDO = 5 V
0.4
V
fixed LDO = 3.3 V
2.43
V
SKIP
SKIP logic level
Pulse skip mode
0.8
V
No audible skip mode (VREF2 or floating)
VREF2
V
PWM mode
2.4
V
TON
TON logic level
Low level
0.8
V
Middle level
VREF2
V
High level
2.4
V
EN1,2
EN level
Switching regulators off level
0.8
V
Delay start level
VREF2
V
Switching regulators on level
2.4
V
EN_LDO
EN_LDO level
Linear regulator off level
0.905
1.00
1.050
V
Linear regulator on level
1.500
1.6
1.650
V
Input leakage current
FB1 = 0.7 V
-1
+1
µA
REFIN2 = 2.5 V
12
Internal bootstrap diode
Diode forward voltage
PVCC = -BOOT, Idiode = 10 mA
0.2
V
Diode Leakage current
BOOT= 30 V, PHASE = 28 V, PVCC = 5 V
500
nA
High-side and low-side gate drivers
HGATE driver on-resistance
HGATEx high state (pull-up)
Isource = 100 mA
1.8
Ω
HGATEx low state (pull-down)
Isink = 100 mA
1.3
1.9
LGATE driver on-resistance
LGATEx high state (pull-up)
Isource = 100 mA
1.3
LGATEx low state (pull-down)
Isink = 100 mA
0.6
0.8
Table 6.
Electrical characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com