Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6686 Datasheet(PDF) 31 Page - STMicroelectronics

Part # PM6686
Description  Constant ON-time control
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6686 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button PM6686 Datasheet HTML 27Page - STMicroelectronics PM6686 Datasheet HTML 28Page - STMicroelectronics PM6686 Datasheet HTML 29Page - STMicroelectronics PM6686 Datasheet HTML 30Page - STMicroelectronics PM6686 Datasheet HTML 31Page - STMicroelectronics PM6686 Datasheet HTML 32Page - STMicroelectronics PM6686 Datasheet HTML 33Page - STMicroelectronics PM6686 Datasheet HTML 34Page - STMicroelectronics PM6686 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
PM6686
Device description
Doc ID 15281 Rev 4
31/50
Figure 50.
Internal supply diagram
8.1.7
Current sensing and current limit
The PM6686 implements a positive valley current limit to protect the application from an
overcurrent fault. Each section has an independent current limit setting. A new switching
cycle can't start until the inductor current is under the positive current limit threshold. Note
that the peak current flowing in the inductor can reach a value greater than the current limit
threshold by an amount equal to the inductor ripple current.
Figure 51.
Current waveforms in current limit conditions
The inductor current is sensed during the off time TOFF by measuring the voltage drop
across the low-side MOSFET using the RDS(on) as a lossless sensing element (PHASE to
PGND voltage). The voltage drop is compared to the threshold set with ILIM pin. If ILIM is
connected to a voltage higher than VCC-1V the limit is 100mV. A current of 5 µA is sourced
from the pin ILIM; if a resistor is connected between ILIM and ground the current limit is
given by the voltage at the ILIM pin. The device sets the PHASE voltage threshold at 1/10 of
the ILIM voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com