Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6686 Datasheet(PDF) 39 Page - STMicroelectronics

Part # PM6686
Description  Constant ON-time control
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6686 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button PM6686 Datasheet HTML 35Page - STMicroelectronics PM6686 Datasheet HTML 36Page - STMicroelectronics PM6686 Datasheet HTML 37Page - STMicroelectronics PM6686 Datasheet HTML 38Page - STMicroelectronics PM6686 Datasheet HTML 39Page - STMicroelectronics PM6686 Datasheet HTML 40Page - STMicroelectronics PM6686 Datasheet HTML 41Page - STMicroelectronics PM6686 Datasheet HTML 42Page - STMicroelectronics PM6686 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
PM6686
Application information
Doc ID 15281 Rev 4
39/50
10.1.2
Input capacitor
In a buck topology converter the current that flows into the input capacitor is a pulsed current
with zero average value. The input RMS current of the two switching sections can be roughly
estimated as follows:
Equation 12
Where D1, D2 are the duty cycles and I1, I2 are the maximum load currents of the two
sections.
Input capacitor should be chosen with an RMS rated current higher than the maximum RMS
current given by both sections.
Tantalum capacitors are good in term of low ESR and small size, but they occasionally can
burn out if subjected to very high current during the charge. Ceramic capacitors have
usually a higher RMS current rating with smaller size and they remain the best choice.
Below there is a list of some ceramic capacitor manufacturers.
10.1.3
Output capacitor
The selection of the output capacitor is based on the ESR value and on the voltage rating
rather than on the capacitor value Cout.
The output capacitor has to satisfy the output voltage ripple requirements. Lower inductor
value can reduce the size of the choke but increases the inductor current ripp
le ΔIL.
Since the voltage ripple VRIPPLEout is given by:
Equation 13
A low ESR capacitor is required to reduce the output voltage ripple. Switching sections can
work correctly even with 15mV output ripple.
Table 14.
Inductor manufacturer
Manufacturer
Series
Inductor value (µH)
RMS current (A)
Saturation current (A)
COILCRAFT
MSS-1048
3,3
7,22
7,6
COILCRAFT
MSS-1260
3,3
9,7
7
COILCRAFT
MLC-1550
2,5
16,5
11,4
Table 15.
Input capacitor manufacturer
Manufacturer
Series
Capacitor value (µF)
Rated voltage (V)
TAYIO YUDEN
UMK325BJ106 KM-T
10
50
TAYIO YUDEN
GMK325BJ106MN
10
35
)
D
1
(
I
D
)
D
1
(
I
D
I
2
2
2
2
1
2
1
1
CinRMS
×
×
+
×
×
=
L
out
RIPPLEout
I
R
V
Δ
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com