Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6686 Datasheet(PDF) 29 Page - STMicroelectronics

Part # PM6686
Description  Constant ON-time control
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6686 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button PM6686 Datasheet HTML 25Page - STMicroelectronics PM6686 Datasheet HTML 26Page - STMicroelectronics PM6686 Datasheet HTML 27Page - STMicroelectronics PM6686 Datasheet HTML 28Page - STMicroelectronics PM6686 Datasheet HTML 29Page - STMicroelectronics PM6686 Datasheet HTML 30Page - STMicroelectronics PM6686 Datasheet HTML 31Page - STMicroelectronics PM6686 Datasheet HTML 32Page - STMicroelectronics PM6686 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
PM6686
Device description
Doc ID 15281 Rev 4
29/50
8.1.4
SKIP
To improve the efficiency at light load the PM6686 implements pulse skip operation mode.
When SKIP pin is tied to GND the inductor current is sensed and if it is equal to zero the
synchronous MOSFET is turned off. As a consequence the output capacitor is left floating
and the discharge depends only on the current sourced by the load. The new TON starts
when the output reaches the voltage regulation. As a consequence at light load conditions
the switching frequency decreases improving the total efficiency of the converter. Working in
discontinuous current mode, the switching and the conduction losses are decreased
skipping some cycles.
If the output load is high enough to make the system work in CCM, skip mode is
automatically changed in PWM mode.
Figure 48.
Inductor current and output voltage in SKIP mode
8.1.5
Non audible SKIP (NA SKIP)
To avoid audio noise the NA SKIP operation mode can be selected, connecting SKIP pin to
VREF2 or leaving it floating. In this condition if a new cycle doesn't start within 30
μs typ.
from the previous one the PM6686 turns on the low-side MOSFET to discharge the output
capacitor. The inductor current goes negative until the output reaches the voltage regulation
voltage allowing a new cycle to begin. If the switching frequency is above 33 kHz the device
works in SKIP mode.
This operation mode is useful to avoid audio noise but it lowers the efficiency at light loads if
it is compared to the SKIP mode.
Output
Inductor
current
Vreg
TON TOFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com