Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6686 Datasheet(PDF) 12 Page - STMicroelectronics

Part # PM6686
Description  Constant ON-time control
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6686 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button PM6686 Datasheet HTML 8Page - STMicroelectronics PM6686 Datasheet HTML 9Page - STMicroelectronics PM6686 Datasheet HTML 10Page - STMicroelectronics PM6686 Datasheet HTML 11Page - STMicroelectronics PM6686 Datasheet HTML 12Page - STMicroelectronics PM6686 Datasheet HTML 13Page - STMicroelectronics PM6686 Datasheet HTML 14Page - STMicroelectronics PM6686 Datasheet HTML 15Page - STMicroelectronics PM6686 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
Electrical characteristics
PM6686
12/50
Doc ID 15281 Rev 4
5
Electrical characteristics
VIN = 12 V, no load on LDO, OUT1, OUT2, VREF3, and VREF2. EN2 = EN1 = VCC,
LDO_SW = 5 V, PVCC = 5 V, EN_LDO = 5 V, TJ = 25 °C unless otherwise specified)
Table 6.
Electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Switching controller output accuracy
OUT2
Output voltage
VIN = 5.5 V to 28 V, REFIN2 = VCC,
SKIP = VCC
3.25
3.330 3.397
V
VIN = 5.5 V to 28 V,
REFIN2 = VREF3, SKIP = VCC
1.038
1.05
1.062
V
OUT1
Output voltage
VIN = 5.5 V to 28 V, FB1 = VCC,
SKIP = VCC
1.482 1.500 1.518
V
VIN = 5.5 V to 28 V, FB1 = GND,
SKIP = VCC
4.975 5.050 5.125
V
FB1
Feedback accuracy with
OUT1 in adjustable mode
VIN = 5.5 V to 28 V, SKIP = VCC
0.693 0.700 0.707
V
REFIN2
Accuracy referred to REFIN2
REFIN2 = 0.7 V to 2.5 V,
SKIP = VCC
-1
1
%
Current limit and zero crossing comparator
ILIM
ILIM bias current
TA = +25 °C.
4.5
5
5.5
µA
Positive current limit threshold
Adjustable, VILIM = 0.5 V, GND-PHASE
35
50
65
mV
Adjustable, VILIM = 1 V or VCC, GND-
PHASE
85
100
115
mV
Adjustable, VILIM = 2 V, GND-PHASE
180
200
220
mV
Zero crossing current
threshold
SKIP = GND, VREF2, or OPEN, GND-
PHASE
-1
+11
mV
Switching frequency
On-time pulse width
OUT1 = 5.125 V
TON = GND or
VREF2
0.908 1.068 1.228
µs
TON = VCC
1.815 2.135 2.455
OUT2 = 3.368 V
TON = GND
0.477 0.561 0.655
TON = VCC or
VREF2
0.796 0.936 1.076
Minimum Off-time
350
472
No-audible skip mode
operating frequency
SKIP = VREF2(or OPEN)
25
33
kHz
Soft-start and soft-end
Soft-start ramp time
2
4
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com