Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6686 Datasheet(PDF) 25 Page - STMicroelectronics

Part # PM6686
Description  Constant ON-time control
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6686 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button PM6686 Datasheet HTML 21Page - STMicroelectronics PM6686 Datasheet HTML 22Page - STMicroelectronics PM6686 Datasheet HTML 23Page - STMicroelectronics PM6686 Datasheet HTML 24Page - STMicroelectronics PM6686 Datasheet HTML 25Page - STMicroelectronics PM6686 Datasheet HTML 26Page - STMicroelectronics PM6686 Datasheet HTML 27Page - STMicroelectronics PM6686 Datasheet HTML 28Page - STMicroelectronics PM6686 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
PM6686
Device description
Doc ID 15281 Rev 4
25/50
Figure 45.
Resistor divider to configure the output voltage
Where R1, R2 are the resistors of the FB1 pin divider, as shown in Figure 2.
OUT2 output voltage is programmed with REFIN2 pin. Fixed output voltage is selected
connecting REFIN2 to VREF3 (OUT2 = 1.05 V) or to VCC (OUT2 = 3.3 V).
When the REFIN2 voltage is between 0.7 V and 2.5 V, OUT2 output voltage tracks REFIN2
voltage. When REFIN2 is lower than 0.5 V the section is turned OFF.
Table 7.
Switching output voltages configuration
Output
control pin
Control pin
connected to
Operation mode
Output voltage
OUT1
FB1
GND
Fixed
5 V
VCC
Fixed
1.5 V
Resistor divider
Adj
OUT2
REFIN2
VCC
Fixed
3.3 V
VREF3
Fixed
1.05 V
Ext source
Tracking
=REFIN2
 
FB1
PHASE
COUT
L
R1
R2
VOUT
⎟
⎠
⎞
⎜
⎝
⎛
+
⋅
=
1
2
R
1
R
V
7
.
0
V
1
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com