Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6686 Datasheet(PDF) 13 Page - STMicroelectronics

Part # PM6686
Description  Constant ON-time control
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6686 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button PM6686 Datasheet HTML 9Page - STMicroelectronics PM6686 Datasheet HTML 10Page - STMicroelectronics PM6686 Datasheet HTML 11Page - STMicroelectronics PM6686 Datasheet HTML 12Page - STMicroelectronics PM6686 Datasheet HTML 13Page - STMicroelectronics PM6686 Datasheet HTML 14Page - STMicroelectronics PM6686 Datasheet HTML 15Page - STMicroelectronics PM6686 Datasheet HTML 16Page - STMicroelectronics PM6686 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
PM6686
Electrical characteristics
Doc ID 15281 Rev 4
13/50
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Linear regulator and reference
LDO
LDO output voltage
LDO_SW = GND, 5.5 V < VIN < 28 V,
LDOREFIN < 0.3 V, 0 < ILDO < 100 mA
4.925 5.000 5.075
V
LDO_SW = GND, 5.5 V < VIN < 28 V,
LDOREFIN = VREF3,
0 < ILDO < 100 mA
3.250 3.300 3.350
V
LDO accuracy in adjustable
mode
VIN = 5.5 V to 28 V, LDOREFIN = 0.35 V
to 2.25 V, no load
-2.5
+2.5
%
LDO short circuit current
(linear regulator enabled)
LDO = 4.3 V, LDO_SW = GND
260
320
380
mA
LDO_SW
LDO_SW switch on threshold
LDO = 5 V, rising edge of LDO_SW,
LDOREFIN = GND
4.64
4.75
4.84
V
LDO_SW
LDO_SW hysteresis
LDO = 5 V, falling edge of LDO_SW,
LDOREFIN = GND
200
400
mV
LDO_SW switch resistance
LDO = 5 V, rising edge of LDO_SW,
LDOREFIN = GND,
output current = 200 mA
0.81
1.275
Ω
VREF3
VREF3 output voltage
No load
3.235 3.300 3.365
V
VREF3 current limit
VREF3 = GND
22
30
mA
VREF2
VREF2 output voltage
No load
1.980 2.000
2.02
V
VREF2 load regulation
0 < Load < 50
μA6
mV
VREF2 sink current
VREF2 > 2.030 V
10
µA
VIN shutdown current
EN1 and EN2 low, EN_LDO low
49
70
µA
VIN standby current
EN1 and EN2 low, EN_LDO high,
LDOREFIN = GND
132
180
µA
Operating power consumption
(VCC and VIN pins
consumption)
Switching regulators on,
FB1 = SKIP = GND, REFIN2 = VCC,
LDOREFIN = GND,
OUT1 = LDO_SW = 5.3V, OUT2 = 3.5 V
4,3
6,5
mW
Fault management
PVCC UVLO threshold
Rising edge of PVCC
4.33
V
Falling edge of PVCC
4
V
Overvoltage trip threshold
Referred to FB1 nominal regulation point
+11
%
Referred to REFIN2 nominal regulation
point. worst case:REFIN2 = 0.7 V
+14
%
PG threshold
Lower threshold
-13
-10
-7
%
PG low voltage
ISink = 4 mA
159
235
405
mV
PG leakage current
PG = 5 V
1
µA
Table 6.
Electrical characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com