Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6686 Datasheet(PDF) 27 Page - STMicroelectronics

Part # PM6686
Description  Constant ON-time control
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6686 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button PM6686 Datasheet HTML 23Page - STMicroelectronics PM6686 Datasheet HTML 24Page - STMicroelectronics PM6686 Datasheet HTML 25Page - STMicroelectronics PM6686 Datasheet HTML 26Page - STMicroelectronics PM6686 Datasheet HTML 27Page - STMicroelectronics PM6686 Datasheet HTML 28Page - STMicroelectronics PM6686 Datasheet HTML 29Page - STMicroelectronics PM6686 Datasheet HTML 30Page - STMicroelectronics PM6686 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
PM6686
Device description
Doc ID 15281 Rev 4
27/50
The COT architecture uses a minimum off-time (TOFFMIN) to allow inductor valley current
sense on the synchronous switch and to allow the charge of the bootstrap capacitor. A
minimum on-time is also introduced to assure the start-up sequence.
An adaptive anti-cross conduction algorithm avoids current paths between VIN and GND
during switching transition.
The PM6686 has three different operation modes selectable with SKIP pin: forced PWM
(PWM), pulse SKIP (SKIP) and non audible pulse SKIP (NA SKIP). The following
paragraphs explain in details the different features of these operation modes.
Figure 46.
Constant on time block diagram
Table 9.
Operative mode configurations
Control pin
Control pin
connected to
Operation mode
SKIP
VCC
PWM
GND
SKIP
VREF2 or floating
NA SKIP
BOOT
Q
Q
SET
CLR
S
R
LS Driver
HGAT E
PH ASE
LGATE
PGND
Level
Shifter
HS Driver
Q
Q
SET
CLR
S
R
Z.C.
Comparator
-
Toff min
Ton
generator
PWM
Comparator
OU T
Voltage
Reference
ILIM
+
-
VIN
+
-
-
+
PVCC
PHASE
1/10
0,8V
-
-
+
-
-
+
0,5V
0,25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com