Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6686 Datasheet(PDF) 47 Page - STMicroelectronics

Part # PM6686
Description  Constant ON-time control
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6686 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button PM6686 Datasheet HTML 42Page - STMicroelectronics PM6686 Datasheet HTML 43Page - STMicroelectronics PM6686 Datasheet HTML 44Page - STMicroelectronics PM6686 Datasheet HTML 45Page - STMicroelectronics PM6686 Datasheet HTML 46Page - STMicroelectronics PM6686 Datasheet HTML 47Page - STMicroelectronics PM6686 Datasheet HTML 48Page - STMicroelectronics PM6686 Datasheet HTML 49Page - STMicroelectronics PM6686 Datasheet HTML 50Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 47 / 50 page
background image
PM6686
Package mechanical data
Doc ID 15281 Rev 4
47/50
13
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
Table 22.
VFQFPN 5x5x1.0 mm 32 L pitch 0.50 mechanical data
Dim.
Databook (mm)
Min
Typ
Max
A0.8
0.9
1
A1
0
0.02
0.05
A3
0.2
b
0.18
0.25
0.3
D4.85
5
5.15
D2
See exposed pad variations (2)
E4.85
5
5.15
E2
See exposed pad variations (2)
e0.5
L
0.3
0.4
0.5
ddd
0.05
Table 23.
Exposed pad variations
(1)(2)D2
1.
VFQFPN stands for thermally enhanced very thin fine pitch quad flat package no lead. Very thin:
A = 1.00 mm max.
2.
Dimensions D2 and E2 are not in accordance with JEDEC.
E2
Min
Typ
Max
Min
Typ
Max
2.90
3.10
3.20
2.90
3.10
3.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com