Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6686 Datasheet(PDF) 30 Page - STMicroelectronics

Part # PM6686
Description  Constant ON-time control
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6686 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button PM6686 Datasheet HTML 26Page - STMicroelectronics PM6686 Datasheet HTML 27Page - STMicroelectronics PM6686 Datasheet HTML 28Page - STMicroelectronics PM6686 Datasheet HTML 29Page - STMicroelectronics PM6686 Datasheet HTML 30Page - STMicroelectronics PM6686 Datasheet HTML 31Page - STMicroelectronics PM6686 Datasheet HTML 32Page - STMicroelectronics PM6686 Datasheet HTML 33Page - STMicroelectronics PM6686 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
Device description
PM6686
30/50
Doc ID 15281 Rev 4
Figure 49.
Inductor current and output voltage in NA SKIP mode
8.1.6
Gate drivers and logic supply
The integrated high-current drivers allow the use of different power MOSFET.
high-side driver is supplied with a bootstrap circuit with an integrated bootstrap diode. The
BOOT and the PHASE pins work respectively as supply and return rails for the HS driver.
The PVCC pin is the input for the supply of the low-side driver and PGND is the pin used as
return rail.
The PM6686 implements an anti-cross conduction protection which prevents high-side and
low-side MOSFET from being on at the same time.
The power dissipation of each driver can be calculated as:
Equation 5
Where VPVCC is the voltage applied to PVCC pin (+5 V) and fSW is the switching frequency.
The power dissipated by the drivers can be reduced lowering the sections switching
frequencies and mounting MOSFET with smaller QG.
VCC pin is the input voltage rail to supply the internal logic circuit. This pin is connected
internally with a resistor to PVCC. As usual analog supply should be divided by the power
supply with a low pass filter to reduce the noise for the analog supply of the logic. Being the
resistor integrated it is enough to put a decoupling capacitor near VCC pin to realize the
filter with a components count reduction.
Output
Inductor
current
Vreg
t
TMAX
TON TOFF
TIDLE
sw
G
PVCC
DISS
f
Q
V
P
⋅
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com