Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAP3204 Datasheet (PDF) - MagnaChip Semiconductor.

MAP3204 Datasheet PDF - MagnaChip Semiconductor.
Part # MAP3204
Download  MAP3204 Download
File Size   389.5 Kbytes
Page   11 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description 4-channel LED Driver for High Brightness LEDs

MAP3204 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAP3204 Datasheet PDF - MagnaChip Semiconductor.

Part # MAP3204
Download  MAP3204 Click to download

File Size   389.5 Kbytes
Page   11 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description 4-channel LED Driver for High Brightness LEDs

MAP3204 Datasheet (HTML) - MagnaChip Semiconductor.


MAP3204 Product details

General Description
The MAP3204 is a 4-channel LED driver optimized for LED backlight application targeting mid and large size LCD module. It uses the boost MOSFET externally and 4-channel current sources internally for driving high brightness white LEDs.
Input voltage of the MAP3204 is ranged from 8V ~ 36V and max. LED current is 150mA per channel. I can increase the output voltage depending on the drain voltage rating of boost MOSFET.

Features
□ 8V to 36V Input Voltage Range
□ Drive up to 4 Channels
□ 150mA Output Current per Channel
□ Programmable Boost Switching Frequency :
   100kHz to 500kHz
□ PWM Dimming : up to 22kHz
□ Current Mode Control
□ Boost Over Current Protection
□ Output Over Voltage Protection
□ LED Short/Open Protection
□ SBD Open / Output Short Protection
□ UVLO
□ 16 leads E-TSSOP and 20 leads SOIC

Applications
□ High Brightness white LED backlighting for mid
   and large size LCD module
□ General LED lighting applications




Similar Part No. - MAP3204

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MAP3201 MGCHIP-MAP3201 Datasheet
1Mb / 15P
High current switch mode PWM LED Driver
MAP3201SIH MGCHIP-MAP3201SIH Datasheet
1Mb / 15P
High current switch mode PWM LED Driver
MAP3202 MGCHIP-MAP3202 Datasheet
1Mb / 15P
High Efficiency Switch Mode LED Driver
MAP3202SIRH MGCHIP-MAP3202SIRH Datasheet
1Mb / 15P
High Efficiency Switch Mode LED Driver
MAP3205 MGCHIP-MAP3205 Datasheet
892Kb / 13P
4-channel LED Driver for High Brightness LEDs
More results


Similar Description - MAP3204

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6903 PTC-PT6903 Datasheet
233Kb / 4P
High Brightness LED Driver
PT6905 PTC-PT6905 Datasheet
358Kb / 4P
High Brightness LED Driver
PT6903 PTC-PT6903_10 Datasheet
233Kb / 4P
High Brightness LED Driver
logo
Gamma Microelectronics ...
GM9910B GAMMA-GM9910B Datasheet
192Kb / 8P
UNIVERAL HIGH BRIGHTNESS LED DRIVER
logo
Bruckewell Technology L...
BW9910 BWTECH-BW9910 Datasheet
1Mb / 14P
High Brightness LED Driver
logo
Maxim Integrated Produc...
MAX16838 MAXIM-MAX16838_14 Datasheet
1Mb / 21P
Integrated, 2-Channel, High-Brightness LED Driver
Rev 3; 6/13
logo
MagnaChip Semiconductor...
MAP3205 MGCHIP-MAP3205 Datasheet
892Kb / 13P
4-channel LED Driver for High Brightness LEDs
MAP3222 MGCHIP-MAP3222 Datasheet
1Mb / 15P
Dual Channel High Brightness LED Driver
MAP3242 MGCHIP-MAP3242 Datasheet
2Mb / 22P
4-channel LED Driver for High Brightness LEDs
MAP3249 MGCHIP-MAP3249 Datasheet
4Mb / 19P
4-channel LED Driver for High Brightness LEDs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com